Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
80
TEMPERATURE SENSOR OUTPUT
The WM8959 output drivers can generate a large amount of heat. To protect the device from
overheating a thermal shutdown function is provided (see "Thermal Shutdown" section for more
information).
The polarity of the Thermal Shutdown sensor may be controlled by register bit TEMPOK_POL. Note
that this polarity inversion bit applies to the Interrupt register behaviour only; it does not affect the
direct GPIO output of the Temperature Sensor function. The associated interrupt event may be
masked or enabled by register bit TEMPOK_IRQ_ENA. The Temperature status bit contained in the
IRQ Register (R18) may be read at any time or else in response to an Interrupt event. See Table 47
for more details of the Interrupt function.
If direct output of the Temperature status bit is required to the external pins of the WM8959, the
following register settings are required:
•
GPIO1_ENA = 1 (only required if using GPIO1)
•
AIF_SEL = 0 (only required if using GPIO3, GPIO4 or GPIO5)
•
AIF_TRIS = 0
•
GPIOn_SEL = 0101 for the selected GPIO Temperature status output pin
•
GPIOn_PU = 0 for the selected GPIO Temperature status output pin
•
GPIOn_PD = 0 for the selected GPIO Temperature status output pin
The register fields used to configure the Temperature Sensor GPIO function are described in Table
43.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
11
TEMPOK_POL
(rw)
1b
Temperature Sensor polarity
0 = Non-inverted
1 = Inverted
R22 (16h)
11
TEMPOK_IRQ_
ENA
0b
Temperature Sensor IRQ Enable
0 = disabled
1 = enabled
Table 43 Temperature Sensor GPIO Control
The temperature sensor function operates according to the following truth table:
LABEL
VALUE
DESCRIPTION
Temperature Sensor output
0
Overheat temperature exceeded
Temperature Sensor output
1
Overheat temperature not exceeded
Table 44 Truth Table for GPIO Output of Temperature Sensor Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com