Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
39
MICROPHONE BIAS CONTROL
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones via an external resistor. Refer to the Applications Information section for recommended
external components. The MICBIAS voltage can be enabled or disabled using the MICBIAS_ENA
control bit and the voltage can be selected using the MBSEL register bit as detailed in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
4
MICBIAS_ENA
(rw)
0b
Microphone Bias
0 = OFF (high impedance output)
1 = ON
R58 (3Ah)
0
MBSEL
0b
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.65 * AVDD
Table 3 Microphone Bias Control
Note that the maximum source current capability for MICBIAS is 3mA. The external biasing
resistance must be large enough to limit the MICBIAS current to 3mA.
MICROPHONE CURRENT DETECT
A MICBIAS current detect function allows detection of accessories such as headset microphones.
When the MICBIAS load current exceeds one of two programmable thresholds, (e.g. short circuit
current or normal operating current), an interrupt or GPIO output can be generated. The current
detection circuit is enabled by the MCD bit; the current thresholds are selected by the MCDTHR and
MCDSCTH register fields as described in Table 41 - see “General Purpose Input/Output” for a full
description of these fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com