Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
73
GPIO CONTROL REGISTERS
Table 37 shows how the dual-function GPIO pins are configured to operate in their different modes.
Note that the order of precedence described earlier applies.
Register field AIF_SEL selects the function of GPIO3, GPIO4 and GPIO5 between Audio Interface 2
and GPIO functions. Register field GPIO1_ENA enables the GPIO functionality on GPIO1. Register
bit AIF_TRIS, when set, takes precedence over AIF_SEL and GPIO1 and tri-states all GPIO pins.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
13
AIF_SEL
0b
Audio Interface Select
0 = Audio interface 1
1 = Audio interface 2 (GPIO3/BCLK2,
GPIO4/DACLRC2, GPIO5/DACDAT2)
15
GPIO1_ENA
0b
GPIO1 Enable
0 = GPIO1 not enabled
1 = GPIO1 enabled
R9 (09h)
13
AIF_TRIS
0b
Audio Interface and GPIO Tristate
0 = Audio interface and GPIO pins
operate normally
1 = Tristate all audio interface and GPIO
pins
Table 37 GPIO and GPI Pin Function Select
The GPIO pins and the GPIO Register behaviour are also controlled by the register fields described
in Table 38. Note the order of precedence described earlier applies.
Pull-up and pull-down resistors may be enabled on any of GPIO1, GPIO3, GPIO4 and GPIO5. If
enabled, these settings take precedence over all other GPIO selections for that pin. Note that, by
default, the pull-down resistors on GPIO3, GPIO4 and GPIO5 are enabled.
When the GPIO pins are used as inputs, de-bounce and interrupt masking may be controlled on all
GPIO pins (including GPI7 and GPI8) using GPIOn_DEB_ENA and GPIOn_IRQ_ENA bits as shown
in Table 39.
For each of GPIO1 and GPIO3 to GPIO5, the register field GPIOn_SEL is used to select the pin
functions of the individual GPIO pins as shown in Table 39. Note that this control has the lowest
precedence and is only effective when GPIOn_PU, GPIOn_PD, AIF_TRIS, AIFSEL and GPIO1_ENA
are set to allow GPIO functionality on that GPIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com