Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
12
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pin Impedances (LIN1, LIN2, LIN3, LIN4, RIN1, RIN2, RIN3, RIN4)
LIN1, LIN3, RIN1 or RIN3
(PGA Gain = -16.5dB)
57
k
Ω
LIN1, LIN3, RIN1 or RIN3
(PGA Gain = 0dB)
33
k
Ω
LIN1, LIN3, RIN1 or RIN3
(PGA Gain = +30dB)
2
k
Ω
B1
PGA Input Resistance
Note: this will be seen in
parallel with the
resistance of other
enabled input paths
from the same pin
LIN2, LIN4, RIN2 or RIN4
(Constant for all gains)
65
k
Ω
LIN2 or RIN2 to INMIXL or
INMIXR (-12dB)
60
k
Ω
LIN2 or RIN2 to INMIXL or
INMIXR (0dB)
15
k
Ω
LIN2 or RIN2 to INMIXL or
INMIXR (+6dB)
7.5
k
Ω
LIN2 or RIN2 to SPKMIX
(SPKATTN = 0dB)
20
k
Ω
LIN2 or RIN2 to SPKMIX
(SPKATTN = -12dB)
20
k
Ω
LIN3 or RIN3 to LOMIX or
ROMIX (0dB)
20
k
Ω
LIN3 or RIN3 to LOMIX or
ROMIX (-21dB)
224
k
Ω
RXP and RXN via RXVOICE
to AINLMUX or AINRMUX
(Gain = +6dB)
7.5
k
Ω
RXP and RXN via RXVOICE
to AINLMUX or AINRMUX
(Gain = 0dB)
15
k
Ω
RXP and RXN via RXVOICE
to AINLMUX or AINRMUX
(Gain = -12dB)
45
k
Ω
RXP and RXN via RXVOICE
to AINLMUX and AINRMUX
(Gain = +6dB)
3.8
k
Ω
RXP and RXN via RXVOICE
to AINLMUX and AINRMUX
(Gain = 0dB)
7.5
k
Ω
RXP and RXN via RXVOICE
to AINLMUX and AINRMUX
(Gain = -12dB)
25
k
Ω
LIN4 to OUT3 or RIN4 to
OUT4 (Gain = -6dB)
20
k
Ω
B2
Line Input Resistance
Note: this will be seen in
parallel with the
resistance of other
enabled input paths
from the same pin
LIN4 to OUT3 or RIN4 to
OUT4 (Gain = 0dB)
20
k
Ω
B3
Input Capacitance
All analogue input pins
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com