Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
24
HPVDD – IN1 BYPASS
AVDD – IN1 BYPASS
PSRR - HPVDD
IN1 Bypass
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Frequency (kHz)
IN1PGA-OMIX-LOUT/ROUT - 3.3V HPVDD
PSRR - AVDD
IN1 Bypass
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Frequency (kHz)
IN1PGA-OMIX-LOUT/ROUT - 3.3V AVDD
IN1PGA-LINEDIFF - 3.3V AVDD
HPVDD – IN3 BYPASS
AVDD – IN3 BYPASS
PSRR - HPVDD
IN3 Bypass
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Frequency (kHz)
IN3-OMIX-LOUT/ROUT - 3.3V HPVDD
IN3-OMIX-OPGA-OUT3/OUT4 - 3.3V HPVDD
IN3-OMIX-OPGA-Differential HP - 3.3V HPVDD
PSRR - AVDD
IN3 Bypass
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Frequency (kHz)
IN3-OMIX-LOUT/ROUT - 3.3V AVDD
IN3-OMIX-OPGA-OUT3/OUT4 - 3.3V AVDD
IN3-OMIX-OPGA-Differential HP - 3.3V AVDD
HPVDD – IN4 BYPASS
AVDD – IN4 BYPASS
PSRR - HPVDD
IN4 Bypass
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Frequency (kHz)
RxVOICE-OMIX-LOUT - 3.3V HPVDD
IN4-OUT3/OUT4 (16Ohm BTL) - 3.3V HPVDD
PSRR - AVDD
IN4 Bypass
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Frequency (kHz)
RxVOICE-OMIX-LOUT - 3.3V AVDD
IN4-OUT3/OUT4 (16Ohm BTL) - 3.3V AVDD
Note: All figures based on 100mVp-p injected on the supply at the relevant test frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com