Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
46
In Rx Voice Mode (AINLMODE=01, AINRMODE=01), adjustable gain control is available for the
RXVOICE output by use of the LR4BVOL[2:0] and LL4BVOL[2:0] register fields on the left channel
and by RL4BVOL[2:0] and RR4BVOL[2:0] on the right channel. Both Volume fields for the desired
channel(s) must be set to the same value for true Differential input characteristics. This configuration
is illustrated in Figure 25. The applicable register settings are shown in Table 10.
CONFIGURATION
REGISTER SETTINGS
1. Select Rx Voice Mode
AINLMODE = 01
Left Channel Rx Voice
Mode
(RXVOICE to AINLMUX)
2. Enable Rx Voice input as required
Important: These two register fields
must be set to the same value. See
Table 12 for full definitions of these
fields.
LL4BVOL
LR4BVOL
1. Select Rx Voice Mode
AINRMODE = 01
Right Channel Rx Voice
Mode
(RXVOICE to AINRMUX)
2. Enable Rx Voice input as required
Important: These two register fields
must be set to the same value. See
Table 13 for full definitions of these
fields.
RL4BVOL
RR4BVOL
Table 10 RxVoice Mode Register Settings
Figure 25 RxVoice Mode Signal Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com