Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
97
Figure 69 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Slave)
PCM operation is supported in DSP interface mode. Mono PCM data received by the WM8959 will
be treated as Left Channel data. This data may be routed to the Left/Right DACs as described in the
“Digital Input Path” section.
AUDIO DATA FORMATS (TDM MODE)
TDM is supported in master and slave mode and is enabled by register bit AIF_DAC_TDM. All audio
interface data formats support time division multiplexing (TDM) for DAC data.
Two time slots are available (Slot 0 and Slot 1), selected by register bit AIFDAC_TDM_CHAN which
selects the time slot for the DAC data.
When TDM is enabled, BCLK frequency must be high enough to allow data from both time slots to
be transferred. The relative timing of Slot 0 and Slot 1 depends upon the selected data format as
shown in Figure 70 to Figure 74.
Figure 70 TDM in Right-Justified Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com