Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
22
SPEAKER DRIVER PERFORMANCE
Typical speaker driver THD+N performance is shown below for both Class D and Class AB modes. Curves are shown for
four typical SPKVDD supply voltage and gain combinations.
Load RL = 8
Ω + 10µH, Frequency = 1kHz, +1dB gain in active path.
SPEAKER CLASS D INTO 8
Ω + 10µH
SPEAKER CLASS AB INTO 8
Ω + 10µH
Speaker Class D (8Ω+10µH)
THD+N Ratio v Output Power
0.001
0.01
0.1
1
10
0
0.25
0.5
0.75
1
1.25
1.5
Output Power (W)
SPKVDD=5.0V, AC=DC=1.52x
SPKVDD=4.2V, AC=DC=1.27x
SPKVDD=3.6V, AC=DC=1.00x
SPKVDD=3.3V, AC=DC=1.00x
Speaker Class AB (8Ω+10µH)
THD+N Ratio v Output Power
0.001
0.01
0.1
1
10
0
0.25
0.5
0.75
1
1.25
1.5
Output Power (W)
SPKVDD=5.0V, AC=DC=1.52x
SPKVDD=4.2V, AC=DC=1.27x
SPKVDD=3.6V, AC=DC=1.00x
SPKVDD=3.3V, AC=DC=1.00x
HEADPHONE DRIVER PERFORMANCE
Typical THD+N performance of the Headphone Drivers is shown below (AC coupled to LOUT/ROUT). Curves are shown
for four HPVDD/AVDD supply voltages.
Load RL = 16
Ω and 32Ω, Frequency = 1kHz, +1dB gain in active path.
AC COUPLED HEADPHONE INTO 16
Ω
AC COUPLED HEADPHONE INTO 32
Ω
AC Coupled Headphone (16ohm)
THD+N Ratio v Output Power
0.01
0.1
1
10
0
10
2030
40
5060
7080
Output Power (mW)
HPVDD=AVDD=3.6V
HPVDD=AVDD=3.3V
HPVDD=AVDD=3.0V
HPVDD=AVDD=2.7V
AC Coupled Headphone (32ohm)
THD+N Ratio v Output Power
0.01
0.1
1
10
0
1020
30405060
7080
Output Power (mW)
HPVDD=AVDD=3.6V
HPVDD=AVDD=3.3V
HPVDD=AVDD=3.0V
HPVDD=AVDD=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com