Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2129 Datasheet (PDF) - First Components International

Part # FC2129
Description  CMOS Low Dropout Voltage ( LDO ) Regulator
File Size   670.05 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC2129 Datasheet (PDF) - First Components International



Similar Part No. - FC2129

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC21 SANYO-FC21 Datasheet
31Kb / 5P
High-Frequency Amplifier, AM tuner RF Amplifier Applications
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
logo
Suzhou HangJing Electro...
FC21M2 HANGJING-FC21M2 Datasheet
327Kb / 1P
TUNING FORK CRYSTAL IN SMD 2.0X1.2MM CERAMIC SEAM SEAL PACKAGE.
More results


Similar Description - FC2129

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Leshan Radio Company
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
Low Dropout Voltage 300mA CMOS LDO Regulator
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
Low Dropout Voltage 300mA CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6140 AITSEMI-A6140 Datasheet
692Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 36V, 150mA, LOW POWER CONSUMPTION
REV2.0
A6151 AITSEMI-A6151 Datasheet
504Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6151A AITSEMI-A6151A Datasheet
552Kb / 10P
CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com