Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5USBC400 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
Part # TS5USBC400
Description  Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
File Size   1025.68 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC400 Datasheet (PDF) - Texas Instruments



Similar Part No. - TS5USBC400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC400 TI2-TS5USBC400 Datasheet
583Kb / 29P
TS5USBC400 Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
REVISED SEPTEMBER 2017
TS5USBC400I TI2-TS5USBC400I Datasheet
583Kb / 29P
TS5USBC400 Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
REVISED SEPTEMBER 2017
TS5USBC400IYFPR TI2-TS5USBC400IYFPR Datasheet
583Kb / 29P
TS5USBC400 Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
REVISED SEPTEMBER 2017
TS5USBC400IYFPR.A TI2-TS5USBC400IYFPR.A Datasheet
583Kb / 29P
TS5USBC400 Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
REVISED SEPTEMBER 2017
TS5USBC400IYFPT TI2-TS5USBC400IYFPT Datasheet
583Kb / 29P
TS5USBC400 Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
REVISED SEPTEMBER 2017
More results


Similar Description - TS5USBC400

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
16-BIT 2:1 MUX/DEMUX SWITCH
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
8/07-Revision 0
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Texas Instruments
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com