Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD-488-60MG Datasheet (PDF) - Roithner LaserTechnik GmbH

Part # LD-488-60MG
Description  Cyan Laser Diode
File Size   397.7 Kbytes
Html View  1   2   3   4 
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD-488-60MG Datasheet (PDF) - Roithner LaserTechnik GmbH



Similar Part No. - LD-488-60MG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
logo
Axiomtek Co., Ltd.
LD-420 AXIOMTEK-LD-420 Datasheet
126Kb / 1P
42 Industrial Open Frame LCD Monitor
logo
Roithner LaserTechnik G...
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LD-445-5000G ROITHNER-LD-445-5000G Datasheet
326Kb / 2P
Blue Laser Diode
10/2023
LD-450-100SG ROITHNER-LD-450-100SG Datasheet
731Kb / 3P
Royal Blue Laser Diode 450 nm, 100mW sihgle Transverse Mode Structure: GaN
More results


Similar Description - LD-488-60MG

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC532Z SEOUL-LC532Z Datasheet
344Kb / 10P
CYAN LAMP LED
logo
OSRAM GmbH
PLT5488 OSRAM-PLT5488 Datasheet
370Kb / 9P
Blue-Cyan Laser Diode in TO56 Package
logo
Lite-On Technology Corp...
LOPL-E011C LITEON-LOPL-E011C Datasheet
188Kb / 12P
1W Cyan Power LED
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com