Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2206-30 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE2206-30
Description  Directional 30 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
File Size   246.61 Kbytes
Html View  1   2   3 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2206-30 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE2206-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2206-10 PASTERNACK-PE2206-10 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 7.5-16.0 GHz
PE2206-20 PASTERNACK-PE2206-20 Datasheet
114Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:7.5-16.0 GHz
PE2206-6 PASTERNACK-PE2206-6 Datasheet
211Kb / 3P
Directional 6 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
More results


Similar Description - PE2206-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2218-30 PASTERNACK-PE2218-30 Datasheet
213Kb / 3P
Dual Directional 30 dB SMA Coupler From 1 GHz to 2 GHz Rated To 50 Watts
PE2220-30 PASTERNACK-PE2220-30 Datasheet
214Kb / 3P
Dual Directional 30 dB SMA Coupler From 2.6 GHz to 5.2 GHz Rated To 50 Watts
PE2221-30 PASTERNACK-PE2221-30 Datasheet
214Kb / 3P
Dual Directional 30 dB SMA Coupler From 4 GHz to 8 GHz Rated To 50 Watts
PE2222-30 PASTERNACK-PE2222-30 Datasheet
214Kb / 3P
Dual Directional 30 dB SMA Coupler From 7 GHz to 12.4 GHz Rated To 50 Watts
PE2223-20 PASTERNACK-PE2223-20 Datasheet
215Kb / 3P
Dual Directional 20 dB SMA Coupler From 8 GHz to 16 GHz Rated To 50 Watts
PE2223-30 PASTERNACK-PE2223-30 Datasheet
215Kb / 3P
Dual Directional 30 dB SMA Coupler From 8 GHz to 16 GHz Rated To 50 Watts
PE2224-30 PASTERNACK-PE2224-30 Datasheet
214Kb / 3P
Dual Directional 30 dB SMA Coupler From 12.4 GHz to 18 GHz Rated To 50 Watts
PE2206-6 PASTERNACK-PE2206-6 Datasheet
211Kb / 3P
Directional 6 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
PE2202-30 PASTERNACK-PE2202-30 Datasheet
565Kb / 6P
Directional 30 dB SMA Coupler From 2 GHz to 4 GHz Rated to 50 Watts
PE2242A-30 PASTERNACK-PE2242A-30 Datasheet
364Kb / 3P
Directional 30 dB SMA Coupler To 3 GHz Rated to 50 Watts
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com