Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20196 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST20196
Description  ADSL, ADSL2 and ADSL Modem Chipset for CPE Applications with Utopia II Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20196 Datasheet(HTML) 2 Page - STMicroelectronics

  ST20196 Datasheet HTML 1Page - STMicroelectronics ST20196 Datasheet HTML 2Page - STMicroelectronics ST20196 Datasheet HTML 3Page - STMicroelectronics ST20196 Datasheet HTML 4Page - STMicroelectronics ST20196 Datasheet HTML 5Page - STMicroelectronics ST20196 Datasheet HTML 6Page - STMicroelectronics ST20196 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST20190
2/7
plementation risks. The data interface is implemented as an ATM Utopia interface. A HW/FW command
and control interface (CtrlE) to communicate with external management entities, is directly provided, with-
out need for glue logic.
The chipset employs Discrete Multi-Tone modulation as specified in ANSI T1.413. It also supports ETSI
TS 101 388 and ITU standards G.992.1 (G.dmt) including Annex A, B and C; G.992.2 (G.lite) annex A, B
and C; G.992.3 (ADSL2) including Annex A, B, C, I, J and L; G.992.5 (G.ADSL+) including Annex A, B, C,
I, J and Annex L.
Flexible bit assignment is foreseen to support ADSL overlay over POTS and ISDN but also All Digital loop
and overlapping spectra. Additional Reed-Solomon forward error correction with optional interleaving pro-
vides maximum noise immunity.
4
THE MODEM ENVIRONMENT
An integrated ADSL-compatible line driver is used to drive the telephone twisted pair, and a POTS/ISDN
splitter or adequate distributed filtering is required to split the baseband analogue telephone or ISDN sig-
nal from the modulated ADSL signal. In G.Lite mode, the splitter can be removed and replaced by distrib-
uted POTS filters. Brief characteristics of the system are given in Section 6. The bit rate can be varied in
steps of 32 kbits/s in ADSL and in steps of 1 kbit/s in ADSL2/ADSL+ mode.
Figure 2. Utopia Chipset Block Diagram
5
CHIPSET FUNCTIONS
The functions performed by each IC are as follows:
5.1 ST20184
This CMOS IC contains the analogue functions required in the transceiver. In order to cope with the high
attenuation of the line and in order to maintain an acceptable noise level of the signal, Programmable gain
amplifiers have been implemented at the analogue front of the transmission and reception paths. In Re-
ception, the signal goes through a LNA, a high pass filter to eliminate echo and LNA before a low pass
filter for anti-aliasing. The AD and DA converters provide 14-bit resolution at 2.2 MHz sampling rate.
Finally, for the transmission part, the control of the external hybrid driver is done by a highly integrated
linear line driver.
Line
- DMT Modem
- ATM framer
- Microcontroller
ST20196
ST20184
Analog
Front End
~
~
Utopia I or II
Management
Entity
ATM
SDRAM
flash
EPROM
(Optional)
Control
CtrlE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com