Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20196 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST20196
Description  ADSL, ADSL2 and ADSL Modem Chipset for CPE Applications with Utopia II Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20196 Datasheet(HTML) 3 Page - STMicroelectronics

  ST20196 Datasheet HTML 1Page - STMicroelectronics ST20196 Datasheet HTML 2Page - STMicroelectronics ST20196 Datasheet HTML 3Page - STMicroelectronics ST20196 Datasheet HTML 4Page - STMicroelectronics ST20196 Datasheet HTML 5Page - STMicroelectronics ST20196 Datasheet HTML 6Page - STMicroelectronics ST20196 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
ST20190
Figure 3. Block Diagram of ST20184
5.2 ST20196
5.2.1 Discrete Multi Tone (DMT) Modulation and Demodulation
The ST20196 includes a digital Quadrature Amplitude Modulation (QAM) mapper/demapper which allows
coding of up to 15 bits per tone. The device incorporates the necessary Inverse- and Fast Fourier Trans-
form (IFFT, FFT), an innovative unique Per Tone Equalizer (PTEQ), echo cancelling (EC), Trellis coding
and decoding plus timing units and a fully digital clock recovery scheme (TDI). These last blocks feature
efficient synchronization algorithms to improve the efficiency of the recovery of data. The ST20196 per-
formances rely on embedded programmable cores.
In ADSL2 mode the modem supports diagnostics modes, enhanced power management modes to reduce
the CO power (L2), 1 bit constellation, relocatable and modulated pilot.
5.2.2 Framing Functions
The ST20196 incorporates framing functions for the generic and ATM Transmission Convergence (TC)
layers. The new TC layer architecture is fully under the control of an embedded controller. This provides
the flexibility to adapt to different framing variants via firmware. The TC consists of data scrambling and
Reed-Solomon error correction with and without inter-leaving. It also includes the rate converter function-
ality as defined in G.dmt Annex C. Several framing variants are implemented (such as interleaved and
non-interleaved modes, full and reduced overhead) to ensure compliance with ANSI T1.413 Issue 2 and
ITU G.992.1 (G.dmt), G.992.2 (G.Lite), G.992.3 and G.992.4.
RX LPF
ADC
TX LPF
DAC
D
I
G
I
T
A
L
TXLD
TXP
TXN
Dying Gasp
Tuning Circuit
I/V Reference
VCXO
(optional)
CTRL/TST
Interface
2.5V Regulator
+
POR
LNA1ab
RX HPF
LNA2
RXP1
RXN1
LNA1c
RXP2
RXN2
RXP3
RXN3
Bypass
Bypass
Loopback
5V area
Digital
Hybrid
switches



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com