Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1150A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS1150A
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150A Datasheet(HTML) 3 Page - STMicroelectronics

  STPS1150A Datasheet HTML 1Page - STMicroelectronics STPS1150A Datasheet HTML 2Page - STMicroelectronics STPS1150A Datasheet HTML 3Page - STMicroelectronics STPS1150A Datasheet HTML 4Page - STMicroelectronics STPS1150A Datasheet HTML 5Page - STMicroelectronics STPS1150A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STPS1150
3/6
Figure 5: Non repetitive surge peak forward
current versus overload duration (maximum
values) (SMA)
Figure 6: Non repetitive surge peak forward
current versus overload duration (maximum
values) (DO-41)
Figure
7:
Relative
variation
of
thermal
impedance junction to ambient versus pulse
duration
(epoxy
printed
circuit
board,
e(Cu)=35µm, recommended pad layout) (SMA)
Figure
8:
Relative
variation
of
thermal
impedance junction to ambient versus pulse
duration (DO-41)
Figure 9: Reverse leakage current versus
reverse voltage applied (typical values)
Figure
10:
Junction
capacitance
versus
reverse voltage applied (typical values)
I (A)
M
0
1
2
3
4
5
6
7
8
1.E-03
1.E-02
1.E-01
1.E+00
T =25°C
a
T =75°C
a
T =125°C
a
IM
t
δ=0.5
t(s)
SMA
0
1
2
3
4
5
6
7
8
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
T =25°C
a
T =75°C
a
T =125°C
a
IM
t
δ=0.5
t(s)
DO-41
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
t (s)
p
SMA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-c)
th(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
t (s)
p
DO-41
I (µA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
T =125°C
j
T =150°C
j
T =100°C
j
T =50°C
j
T =25°C
j
T =75°C
j
V (V)
R
C(nF)
1
10
100
1
10
100
1000
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com