Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1150A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1150A
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150A Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1150A Datasheet HTML 1Page - STMicroelectronics STPS1150A Datasheet HTML 2Page - STMicroelectronics STPS1150A Datasheet HTML 3Page - STMicroelectronics STPS1150A Datasheet HTML 4Page - STMicroelectronics STPS1150A Datasheet HTML 5Page - STMicroelectronics STPS1150A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Product Characteristics
IF(AV)
1 A
VRRM
150 V
Tj (max)
175°C
VF(max)
0.67 V
STPS1150
POWER SCHOTTKY RECTIFIER
REV. 3
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS) RMS forward voltage
15
A
IF(AV)
Average forward current
SMA
TL = 160°C δ = 0.5
1A
DO-41
TL = 150°C δ = 0.5
IFSM
Surge non repetitive forward
current
SMA
Half wave, single phase,
50Hz
50
A
DO-41
75
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
1500
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage (rated VR, Tj = 25°C)
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
dPt ot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
SMA
(JEDEC DO-214AC)
STPS1150A
DO-41
STPS1150
August 2004
FEATURES AND BENEFITS
■ Negligible switching losses
■ Low forward voltage drop for higher efficiency
and extented battery life
■ Low thermal resistance
■ Surface mount miniature package
■ Avalanche capability specified
DESCRIPTION
150V Power Schottky rectifier are suited for switch
Mode Power Supplies on up to 24V rails and high
frequency converters.
Packaged in SMA and Axial, this device is
intended for use in consumer and computer
applications like TV, STB, PC and DVD where low
drop forward voltage in required to reduce power
dissipation.
Table 2: Order Codes
Part Number
Marking
STPS1150A
1150
STPS1150
STPS1150
STPS1150RL
STPS1150


Similar Part No. - STPS1150A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1150A STMICROELECTRONICS-STPS1150A Datasheet
104Kb / 7P
Power Schottky rectifier
31-May-2006
STPS1150A STMICROELECTRONICS-STPS1150A Datasheet
357Kb / 13P
150 V, 1 A power Schottky rectifier
25-Sep-2019
STPS1150AFN STMICROELECTRONICS-STPS1150AFN Datasheet
357Kb / 13P
150 V, 1 A power Schottky rectifier
25-Sep-2019
STPS1150AY STMICROELECTRONICS-STPS1150AY Datasheet
178Kb / 9P
Automotive power Schottky rectifier
16-Apr-2018
More results

Similar Description - STPS1150A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com