Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1L60
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1L60 Datasheet HTML 1Page - STMicroelectronics STPS1L60 Datasheet HTML 2Page - STMicroelectronics STPS1L60 Datasheet HTML 3Page - STMicroelectronics STPS1L60 Datasheet HTML 4Page - STMicroelectronics STPS1L60 Datasheet HTML 5Page - STMicroelectronics STPS1L60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STPS1L60
4/6
Figure 9: Reverse leakage current versus
reverse voltage applied (typical values)
Figure
10:
Junction
capacitance
versus
reverse voltage applied (typical values)
Figure 11:
Forward
voltage
drop
versus
forward current (maximum values, high level)
(SMA)
Figure
12: Forward
voltage drop versus
forward current (maximum values, low level)
(DO-41)
Figure 13: Thermal resistance junction to
ambient versus copper surface under each
lead (Epoxy printed circuit board FR4, copper
thickness: 35µm) (SMA)
Figure 14: Thermal resistance versus lead
length (DO-41)
I (mA)
R
0
5
10
15
20
25
30
35
40
45
50
55
60
1E-4
1E-3
1E-2
1E-1
1E+0
1E+1
V (V)
R
T =125°C
j
T =100°C
j
T =25°C
j
C(pF)
1
10
100
10
20
50
100
200
V (V)
R
F=1MHz
T =25°C
j
I
(A)
FM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
1
2
5
10
V
(V)
FM
T =25°C
j
T =100°C
j
I
(A)
FM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
(V)
FM
T =100°C
j
T =25°C
j
R
(°C/W)
th(j-)
0
1
2345
0
20
40
60
80
100
120
140
S(Cu)(cm²)
0
20
40
60
80
100
120
5
10152025
R (°C/W)
th
L
(mm)
leads
Rth(j-a)
Rth(j-I)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com