Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1L60
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1L60 Datasheet HTML 1Page - STMicroelectronics STPS1L60 Datasheet HTML 2Page - STMicroelectronics STPS1L60 Datasheet HTML 3Page - STMicroelectronics STPS1L60 Datasheet HTML 4Page - STMicroelectronics STPS1L60 Datasheet HTML 5Page - STMicroelectronics STPS1L60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Product Characteristics
IF(AV)
1 A
VRRM
60 V
Tj (max)
150°C
VF(max)
0.56 V
STPS1L60
POWER SCHOTTKY RECTIFIER
REV. 6
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) RMS forward voltage
10
A
IF(AV)
Average forward current
SMA
TL = 130°C δ = 0.5
1A
DO-41
TL = 120°C δ = 0.5
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
40
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
1200
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
dPt ot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
SMA
(JEDEC DO-214AC)
STPS1L60A
DO-41
STPS1L60
August 2004
FEATURES AND BENEFITS
■ Negligible switching losses
■ Low forward voltage drop
■ Surface mount miniature package
■ Avalanche capability specified
DESCRIPTION
Axial and Surface Mount Power Schottky rectifiers
suited to Switched Mode Power Supplies and high
frequency DC to DC converters.
Packaged in SMA and DO-41, this device is
especially intended for use in low voltage, high
frequency inverters and small battery chargers.
Table 2: Order Codes
Part Number
Marking
STPS1L60A
GB6
STPS1L60
STPS1L60
STPS1L60RL
STPS1L60


Similar Part No. - STPS1L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
952Kb / 34P
Digital constant-current controller
24-Aug-2010
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
127Kb / 10P
Power Schottky rectifier
30-Sep-2009
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
416Kb / 19P
60 V, 1 A low drop power Schottky rectifier
27-Sep-2019
STPS1L60-Y STMICROELECTRONICS-STPS1L60-Y Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
17-Oct-2016
More results

Similar Description - STPS1L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com