Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6435S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV6435S
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6435S Datasheet(HTML) 4 Page - STMicroelectronics

  STV6435S Datasheet HTML 1Page - STMicroelectronics STV6435S Datasheet HTML 2Page - STMicroelectronics STV6435S Datasheet HTML 3Page - STMicroelectronics STV6435S Datasheet HTML 4Page - STMicroelectronics STV6435S Datasheet HTML 5Page - STMicroelectronics STV6435S Datasheet HTML 6Page - STMicroelectronics STV6435S Datasheet HTML 7Page - STMicroelectronics STV6435S Datasheet HTML 8Page - STMicroelectronics STV6435S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
General Information
STV6435
4/17
1.1
I/O Pin Description
Table 1: Pin Description
STV6435S STV6435D
Name
Function
1
1
CVBS_ENC
CVBS Input from Encoder command internal CVBS switch
2
2
DEC
Decoupling Capacitor
3
3
C_ENC
Chroma Input from Encoder
4
4
GND
Ground
5
5
Y_ENC
Y Input from Encoder
6
GND
Ground
7
GND
Ground
8
6
VCC
+5 V Supply
9
7
G_ENC
Large-band Y Input from Encoder
10
8
R_ENC
Large-band R Input from Encoder
11
9
MUTE
4-State command for Mute
12
10
B_ENC
Large-band B Input from Encoder
13
11
BOUT
B Output
14
12
ROUT
R Output
15
13
VCCB1
+5 V Supply for Output Buffers
16
14
GOUT
G Output
17
15
YOUT
Y Output
18
GND
Ground
19
GND
Ground
20
16
GNDB
Ground for Buffers
21
17
COUT
Chroma Output
22
18
VCCB2
+5 V Supply for Output Buffers
23
19
CVBSOUT
CVBS Output
24
20
VCCB3
+5 V Supply for Output Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com