Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6435S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6435S
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6435S Datasheet(HTML) 1 Page - STMicroelectronics

  STV6435S Datasheet HTML 1Page - STMicroelectronics STV6435S Datasheet HTML 2Page - STMicroelectronics STV6435S Datasheet HTML 3Page - STMicroelectronics STV6435S Datasheet HTML 4Page - STMicroelectronics STV6435S Datasheet HTML 5Page - STMicroelectronics STV6435S Datasheet HTML 6Page - STMicroelectronics STV6435S Datasheet HTML 7Page - STMicroelectronics STV6435S Datasheet HTML 8Page - STMicroelectronics STV6435S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TARGET SPECIFICATION
STV6435
Filtered Video Buffers for STB and DVD Devices
®
This is preliminary information on a new product forseen to be developed. Details are subject to change without notice.
September 2003
1/17
FEATURES
s Y, C, CVBS and RGB Inputs with 7 MHz Filters
s 6 dB Gains
s Capabilities of Integrated Output Buffers:
Single Load (150
Ω) for RGB signals
Double Load (75
Ω) for Y, C and CVBS signals
s DC Coupled Outputs for CVBS and RGB
signals, DC or AC coupled output for Chroma
signal
s Bottom Clamp on RGB, Y and CVBS, Bias
Clamp on C
s Crosstalk: 55 dB (typ.)
s Separate Stand-by Modes on Y/C/CVBS and
on RGB signals
s Switchable Y+C Adder for Decoders without
CVBS Outputs
DESCRIPTION
The STV6435 is a filtered video output interface for
STB and DVD applications.
After removing D/A conversion noises using
integrated low pass filters, the STV6435 adapts in
amplitude and impedance the video signals coming
from the digital decoder for transmission, via 75
adapted cables, to the TV set, VCR and auxiliary
devices.
The STV6435 is powered by a 5V supply.
The STV6435 is fully compatible with STi55xx
Digital Decoders.
The STV6435 is mounted in a SO24 package
(STV6435S) or in a DIP package (STV6435D).
Order Code: STV6435D
PDIP20
Order Code: STV6435S
SO24


Similar Part No. - STV6435S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434D STMICROELECTRONICS-STV6434D Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434S STMICROELECTRONICS-STV6434S Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
More results

Similar Description - STV6435S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6436 STMICROELECTRONICS-STV6436 Datasheet
263Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
DVD and DVB decoder for video and audio with DVD audio support
2004-Dec
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
logo
Rohm
BH7600AFS ROHM-BH7600AFS Datasheet
281Kb / 6P
3ch Video driver for digital STB
BH7601FS ROHM-BH7601FS Datasheet
270Kb / 6P
3ch Video driver for digital STB
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
DVD-video Reference Clock Generators for Audio/Video Equipments
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
For DVD Player Video Signal Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com