Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6433 Datasheet (PDF) - STMicroelectronics

STV6433 Datasheet PDF - STMicroelectronics
Part # STV6433
Download  STV6433 Download
File Size   67.26 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Filtered Video Buffers for STB and DVD Devices

STV6433 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV6433 Datasheet PDF - STMicroelectronics

Part # STV6433
Download  STV6433 Click to download

File Size   67.26 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Filtered Video Buffers for STB and DVD Devices

STV6433 Datasheet (HTML) - STMicroelectronics


STV6433 Product details

DESCRIPTION

The STV6433 is a filtered video output interface for DVD, Satellite and Cable Set-Top Box applications.

After removing D/A conversion noise using integrated low pass filters, the STV6433 adapts the Y and C signals coming from the digital decoder in amplitude and impedance for transmission to the TV set and an auxiliary device (VCR, DVD recorders, etc.) via adapted 75-ohm cables.

A Y+C adder with buffer for providing a CVBS signal to external loads and a pre-processing of a CVBS signal for RF modulator (RFOUT) are included in STV6433.

This pre-processing is a notch filtering at 4.5 MHz (before the addition of the audio signal in the RF modulator) and a 170 ns Y/C delay (to compensate the nominal distorsion in the TV IF filter).

The STV6433 is powered by a 5V voltage supply and is fully-compatible with STi55xx digital encoders.



FEATURES

■ Y, C Inputs with 7.1 MHz filters

■ 40 dB Stop Band Attenuation at 27 MHz

■ RF Signal with 14 dB Notch Filter at 4.5 MHz for Sound Trap

■ RF Signal with -170 ns Differential Group

   Delay between 400 kHz and 3.58 MHz

■ 6 dB Gain

■ Capabilities of Integrated Output Buffers:

   Double-adapted Loads (75Ω) on CVBS Output, Single-adapted Loads on Y and C Outputs

■ AC-coupled Inputs

■ DC-coupled Outputs for Y, CVBS and RFOUT

■ DC- or AC-coupled Output for COUT

■ Bottom Clamp on Y, Bias Clamp on C

■ Crosstalk: 55 dB (typical)



 




Similar Part No. - STV6433

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434D STMICROELECTRONICS-STV6434D Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434S STMICROELECTRONICS-STV6434S Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6435 STMICROELECTRONICS-STV6435 Datasheet
337Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
More results


Similar Description - STV6433

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6435 STMICROELECTRONICS-STV6435 Datasheet
337Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6436 STMICROELECTRONICS-STV6436 Datasheet
263Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
DVD and DVB decoder for video and audio with DVD audio support
2004-Dec
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
logo
Rohm
BH7600AFS ROHM-BH7600AFS Datasheet
281Kb / 6P
3ch Video driver for digital STB
BH7601FS ROHM-BH7601FS Datasheet
270Kb / 6P
3ch Video driver for digital STB
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
DVD-video Reference Clock Generators for Audio/Video Equipments
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
For DVD Player Video Signal Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com