Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6433 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV6433
Description  Filtered Video Buffers for STB and DVD Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6433 Datasheet(HTML) 5 Page - STMicroelectronics

  STV6433 Datasheet HTML 1Page - STMicroelectronics STV6433 Datasheet HTML 2Page - STMicroelectronics STV6433 Datasheet HTML 3Page - STMicroelectronics STV6433 Datasheet HTML 4Page - STMicroelectronics STV6433 Datasheet HTML 5Page - STMicroelectronics STV6433 Datasheet HTML 6Page - STMicroelectronics STV6433 Datasheet HTML 7Page - STMicroelectronics STV6433 Datasheet HTML 8Page - STMicroelectronics STV6433 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STV6433
Electrical Characteristics
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
3.2
Thermal Data
3.3
Electrical Characteristics
TAMB = 25°C, VCC = 5 V, RGENE = 75Ω, RLOAD (Y, C, CVBS) = 150Ω, RLOAD (RF) = 600Ω, unless
otherwise specified.
Symbol
Parameter
Value
Unit
VCC
Powering
6V
Vi
Voltage at Pin i to GND
-0.6, VCC
V
VESD
Maximum ESD voltage allowed. 100 pF capacitor discharged through
1.5 k
serial resistor (Human Body Model)
±4
k
TOPER
Ambient Operating Temperature
0, +70
°C
TSTG
Storage Temperature
-55, +150
°C
Symbol
Parameter
Value
Unit
RthJA
Thermal Resistance (Junction-to-Ambient)
140
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Supply Voltage
4.75
5
5.25
V
ICC
Supply Current (VCC)
No Load
30
40
mA
Y and CVBS Section
VDCIN
DC Input Level, Bottom Clamp Input
Bottom Level
2
V
ICLAMP
Clamping Current, Bottom Clamp
Input
at VDCIN - 400 mV
1
2
mA
ILEAK
Input Leakage Current, Bottom
Clamp Input
VIN = VDCIN +1 V
1
10
µA
CIN
Input Capacitance
2
pF
VIN
Maximum Input Signal
VCCV = 5 V
1.5
VPP
DYN
Dynamic Output Signal
VCCV = 5 V
3
VPP
YF1
-1 dB Bandwidth (Flatness) of Y1
and CVBS
1H Signal
4.0
4.5
MHz
YF3
-3 dB Bandwidth of Y1 and CVBS
1H Signal
7.1
MHz
YSBR
Stopband Rejection
27 MHz / 100 kHz
- 40
dB
YOS
Peak Overshoot
2 Vpp Output pulse
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com