Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6433 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV6433
Description  Filtered Video Buffers for STB and DVD Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6433 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV6433 Datasheet HTML 2Page - STMicroelectronics STV6433 Datasheet HTML 3Page - STMicroelectronics STV6433 Datasheet HTML 4Page - STMicroelectronics STV6433 Datasheet HTML 5Page - STMicroelectronics STV6433 Datasheet HTML 6Page - STMicroelectronics STV6433 Datasheet HTML 7Page - STMicroelectronics STV6433 Datasheet HTML 8Page - STMicroelectronics STV6433 Datasheet HTML 9Page - STMicroelectronics STV6433 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Electrical Characteristics
STV6433
6/10
Flatness
Spread of Gain in Video Bands
VIN = 1 VPP
Band = 15kHz -5MHz for Y and
CVBS
+/-0.5
dB
VCTo
Crosstalk Isolation of Y or CVBS
from C
VIN = 0.5 VPP at 3.58 MHz,
on C_ENC, RLOAD = 150Ω
55
dB
ROUT
Output Resistance
5
10
W
GY
Gain on Y1, Y2 and CVBS channels
VIN = 1 VPP
5.5
6
6.5
dB
DCYOUT
DC Output Voltage (Y and CVBS)
Bottom sync pulse, at IC output
pins
0.6
V
DPHI
Differential Phase
VIN = 1 VPP at 3.58 MHz
0.2
3
deg.
DG
Differential Gain
VIN = 1 VPP at 3.58 MHz
0.3
3
%
LNL
Luminance non-linearity
0.5
3
%
VSN
Video S/N Ratio: Y and CVBS
channels
NTC-7 weighting 4.4 MHz
lowpass
70
dB
Dtpd
Group delay variation from Flatness
9
nS
RFOUT Section
Tpd
Group Delay RFOUT
f = 3.58 MHz (ref. = 400 kHz)
-205
-170
-135
nS
TCLD
Chroma / Luminance delay
f = 3.58 MHz (ref. = 400 kHz)
-205
-170
-135
nS
DPHIRF
Differential Phase RFOUT
VIN Y,C = 1 VPP at 3.58 MHz
1
3
deg.
DGRF
Differential Gain RFOUT
VIN Y,C = 1 VPP at 3.58 MHz
1.5
3
%
pK
Gain Peaking
f = 2 MHz
0.5
0.75
dB
RFOS
Peak Overshoot
f = 3.58 MHz (ref. = 400 kHz)
-0.5
0.75
dB
AV45
Notch Attenuation
from 4.4 to 4.63 MHz (ref. =
400kHz)
-14
dB
AV42
Notch Attenuation
at 4.2 MHz (ref. = 400 kHz)
-8
dB
RFSN
Video S/N Ratio: RF channel
NTC-7 weighting 4.4 MHz
lowpass
60
dB
TPASS
Pass Delay, RFOUT
f = 200 kHz to 3 MHz
-50
+50
nS
Chroma Section
VDCIN
DC Input Level
3V
RIN
Input Resistance
30
50
k
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
1VPP
DYN
Dynamic Output Signal
2VPP
DCCOUT
DC Output Voltage (COUT)
Without signal
1.6
V
CF1
-1 dB Bandwidth (Flatness)
4
4.5
MHz
CF3
-3 dB Bandwidth
7.1
MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com