Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6432 Datasheet (PDF) - STMicroelectronics

STV6432 Datasheet PDF - STMicroelectronics
Part # STV6432
Download  STV6432 Download
File Size   184.39 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Audio/Video Output Buffers for STB and DVD Devices

STV6432 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV6432 Datasheet PDF - STMicroelectronics

Part # STV6432
Download  STV6432 Click to download

File Size   184.39 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Audio/Video Output Buffers for STB and DVD Devices

STV6432 Datasheet (HTML) - STMicroelectronics


STV6432 Product details

DESCRIPTION
The STV6432 is an audio/video output interface for US STB and DVD.
It adapts in amplitude and impedance the audio and video signals coming from the digital decoder to provide them to the TV set, VCR, Auxiliary and RF modulator.
The video gains are adjustable from 5 dB to 8 dB in steps of 1 dB.

FEATURES
■ VIDEO SECTION
● Y/C/CVBS Inputs
● Y/C Outputs for TV
● 4 CVBS Outputs (for TV, VCR, Aux and RF Modulator)
● 6 dB Gain with Fine Adjustment
● Integrated 150Ω Buffers
● Sync Bottom Clamp on all CVBS/Y And Bias on C Inputs
● Crosstalk: 50 dB (Typ.)
● Bandwidth: 15 MHz

■ AUDIO SECTION
● 1 pair of Stereo Inputs
● 1 pair of Stereo Outputs (TV, VCR, AUX)
● Stereo-to-Mono Capability (RF Mod output)
● 6 dB Gain
● Crosstalk: 80 dB min.




Similar Part No. - STV6432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434D STMICROELECTRONICS-STV6434D Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434S STMICROELECTRONICS-STV6434S Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6435 STMICROELECTRONICS-STV6435 Datasheet
337Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
More results


Similar Description - STV6432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6435 STMICROELECTRONICS-STV6435 Datasheet
337Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6436 STMICROELECTRONICS-STV6436 Datasheet
263Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
DVD and DVB decoder for video and audio with DVD audio support
2004-Dec
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
logo
Rohm
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
DVD-video Reference Clock Generators for Audio/Video Equipments
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E Datasheet
387Kb / 31P
For Video/Audio Signal Input/ Output Interface of DVD Recorder
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
For Video/Audio Signal Input/ Output Interface of DVD Recorder
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com