Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6432 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV6432
Description  Audio/Video Output Buffers for STB and DVD Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6432 Datasheet(HTML) 5 Page - STMicroelectronics

  STV6432 Datasheet HTML 1Page - STMicroelectronics STV6432 Datasheet HTML 2Page - STMicroelectronics STV6432 Datasheet HTML 3Page - STMicroelectronics STV6432 Datasheet HTML 4Page - STMicroelectronics STV6432 Datasheet HTML 5Page - STMicroelectronics STV6432 Datasheet HTML 6Page - STMicroelectronics STV6432 Datasheet HTML 7Page - STMicroelectronics STV6432 Datasheet HTML 8Page - STMicroelectronics STV6432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
STV6432
ELECTRICAL CHARACTERISTICS
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
2.2
Thermal Data
2.3
Supply Section
TAMB = 25° C, VCCV = 5 V, VCCB = 5 V, VCCA = 9 V
RGA = 600 Ω, RLOUTA = 10 kΩ, RGV = 75 Ω, RLOUTV = 150 Ω, unless otherwise specified.
Table 2: Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC12
Audio Section
13
V
VCCA
Audio Section
10
V
VCCV,
VCCB
Video Sections
6V
VI
Voltage at Pin 1 to GND
- Audio pins
- Video pins
0, VCCA or VCC12
0, VCCV or VCCB
V
VESD
Maximum ESD voltage allowed. 100 pF capacitor discharged through
1.5 k
serial resistor (Human Body Model)
±4
kV
Toper
Operating Ambient Temperature
0, +70
°C
Tstg
Storage Temperature
0, +150
°C
Table 3: Thermal Data
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient Thermal Resistance
71 (Max.)
°C/W
Table 4: Supply Data
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC12
Audio Operating Supply Voltage
Decoupling capacitor on VCCA
11.5
12
12.5
V
VCC12
Audio Operating Supply Voltage
VCC12 connected to VCCA
8.5
9
9.5
V
VCCA
Audio Operating Supply Voltage
8.5
9
9.5
V
VCCV
Video Operating Supply Voltage
4.5
5
5.5
V
VCCB
Video Buffers Supply Voltage
4.5
5
5.5
V
ICC12
Audio Output Supply Current
VCC12 = 12 V, No load
5mA
ICCA
Audio Output Supply Current
VCCA = 9 V, No load
4mA
ICCV
Video Supply Current (VCCV)VCCV = 5 V, No load
12
mA
ICCB
Video Buffers Supply Current (VCCB)VCCB = 5 V, No load
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com