Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6432 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV6432
Description  Audio/Video Output Buffers for STB and DVD Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6432 Datasheet(HTML) 3 Page - STMicroelectronics

  STV6432 Datasheet HTML 1Page - STMicroelectronics STV6432 Datasheet HTML 2Page - STMicroelectronics STV6432 Datasheet HTML 3Page - STMicroelectronics STV6432 Datasheet HTML 4Page - STMicroelectronics STV6432 Datasheet HTML 5Page - STMicroelectronics STV6432 Datasheet HTML 6Page - STMicroelectronics STV6432 Datasheet HTML 7Page - STMicroelectronics STV6432 Datasheet HTML 8Page - STMicroelectronics STV6432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
STV6432
PIN CONNECTIONS
1
PIN CONNECTIONS
Figure 1: Pin Connections on SO28 Package
Table 1: Pin List Description
Pin No.
Symbol
Description
1
CVBSOUT_VCR
CVBS Output to VCR
2
CVBSOUT_TV
CVBS Output to TV
3VCCB2
+5 V Video Output Buffers Supply
4
COUT_TV
Chroma Output to TV
5VCCB3
+5 V Video Output Buffers Supply
6
YOUT_TV
Y Output to TV
7
FINE_GAIN
Y/C/CVBS Output Gain Fine Adjustment
8NC
9
GND
Ground
10
VCCV
+5 V Video Supply
11
DECV
Video Decoupling Capacitor
12
CVBSIN_ENC
CVBS Input from Encoder
13
CIN_ENC
Chroma Input from Encoder
14
YIN_ENC
Y Input from Encoder
15
GND
Ground
16
RIN_ENC
Audio Right Input from Encoder
17
LIN_ENC
Audio Left Input from Encoder
18
DECA
Audio Decoupling Capacitor
19
GNDA
Audio Ground
20
VCCA
+9 V Audio Supply or Audio Supply Decoupling
21
ROUT
Audio Right Output
22
LOUT
Audio Left Output
23
VCC12
Audio Supply (+12V or +9V)
24
AOUT_RF
Audio (L+R) Output to RF Modulator
25
VOUT_RF
CVBS Video Output to RF Modulator
26
VCCB1
+5 V Video Output Buffers Supply
27
CVBSOUT_AUX
CVBS Output to Auxiliary
28
GNDB
Video Buffer Ground
15
16
17
18
19
20
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CVBSOUT_VCR
CVBSOUT_TV
YIN_ENC
CIN_ENC
CVBSIN_ENC
DECV
VCCV
GND
NC
FINE_GAIN
YOUT_TV
VCCB3
COUT_TV
VCCB2
GNDB
CVBSOUT_AUX
GND
RIN_ENC
LIN_ENC
DECA
GNDA
VCCA
ROUT
LOUT
VCC12
AOUT_RF
VOUT_RF
VCCB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com