Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6435 Datasheet (PDF) - STMicroelectronics

STV6435 Datasheet PDF - STMicroelectronics
Part # STV6435
Download  STV6435 Download
File Size   337.4 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Filtered Video Buffers for STB and DVD Devices

STV6435 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV6435 Datasheet PDF - STMicroelectronics

Part # STV6435
Download  STV6435 Click to download

File Size   337.4 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Filtered Video Buffers for STB and DVD Devices

STV6435 Datasheet (HTML) - STMicroelectronics


STV6435 Product details

DESCRIPTION
The STV6435 is a filtered video output interface for STB and DVD applications.
After removing D/A conversion noises using integrated low pass filters, the STV6435 adapts in amplitude and impedance the video signals coming from the digital decoder for transmission, via 75Ω adapted cables, to the TV set, VCR and auxiliary devices.
The STV6435 is powered by a 5V supply.
The STV6435 is fully compatible with STi55xx Digital Decoders.
The STV6435 is mounted in a SO24 package (STV6435S) or in a DIP package (STV6435D).

FEATURES
■ Y, C, CVBS and RGB Inputs with 7 MHz Filters
■ 6 dB Gains
■ Capabilities of Integrated Output Buffers: Single Load (150Ω) for RGB signals Double Load (75Ω) for Y, C and CVBS signals
■ DC Coupled Outputs for CVBS and RGB signals, DC or AC coupled output for Chroma signal
■ Bottom Clamp on RGB, Y and CVBS, Bias Clamp on C
■ Crosstalk: 55 dB (typ.)
■ Separate Stand-by Modes on Y/C/CVBS and on RGB signals
■ Switchable Y+C Adder for Decoders without CVBS Outputs




Similar Part No. - STV6435

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434D STMICROELECTRONICS-STV6434D Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434S STMICROELECTRONICS-STV6434S Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
More results


Similar Description - STV6435

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6436 STMICROELECTRONICS-STV6436 Datasheet
263Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
DVD and DVB decoder for video and audio with DVD audio support
2004-Dec
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
logo
Rohm
BH7600AFS ROHM-BH7600AFS Datasheet
281Kb / 6P
3ch Video driver for digital STB
BH7601FS ROHM-BH7601FS Datasheet
270Kb / 6P
3ch Video driver for digital STB
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
DVD-video Reference Clock Generators for Audio/Video Equipments
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
For DVD Player Video Signal Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com