Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6435D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV6435D
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6435D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV6435D Datasheet HTML 2Page - STMicroelectronics STV6435D Datasheet HTML 3Page - STMicroelectronics STV6435D Datasheet HTML 4Page - STMicroelectronics STV6435D Datasheet HTML 5Page - STMicroelectronics STV6435D Datasheet HTML 6Page - STMicroelectronics STV6435D Datasheet HTML 7Page - STMicroelectronics STV6435D Datasheet HTML 8Page - STMicroelectronics STV6435D Datasheet HTML 9Page - STMicroelectronics STV6435D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristics
STV6435
6/17
2
Electrical Characteristics
2.1
Absolute Maximum Ratings
2.2
Thermal Data
2.3
Electrical Characteristics
Test conditions: TAMB = 25°C, VCC =5 V; VCCB =5V; RGENERATOR =75 Ω, RLOUT =75 Ω for
YOUT, CVBSOUT and COUT RLOUT =150 Ω for GOUT, BOUT and ROUT, unless otherwise
specified.
Symbol
Parameter
Value
Unit
VCC, VCCB Supply Voltage
6V
V
Voltage at all pins to Ground
-0.6 to VCC
V
VESD
ESD Susceptibility
Human Body Model: 100 pF discharged
through 1.5 k
Ω serial resistor
±4
kV
Symbol
Parameter
Value
Unit
RthJA
Junction-to-Ambient Thermal
Resistance
STV6435S
STV6435D
70
65
°C/W
TJ
Maximum Recommended
Junction Temperature
STV6435S
STV6435D
130
°C
TOPER
Operating Ambient Temperature
0 to +70
°C
TSTG
Storage Temperature
-55 to +150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Supply Voltage
4.75
5.00
5.25
V
VCCB
Buffer Supply Voltage
4.75
5.00
5.25
V
Active (Channels ON)
ICC1
Supply Current (VCC + VCCB)
No Load, MUTE pin to VCC pin
(5 V) All channels active
50
65
mA
ICC2
Supply Current (VCC + VCCB)
No Load, MUTE pin = 1.5 V (not
connected) Y/C/CVBS active
30
mA
ICC3
Supply Current (VCC + VCCB)
No Load, MUTE pin = 3 V
RGB active
30
mA
Standby (All Channels OFF)
ICCSTB
Total Supply Current
No Load, MUTE pin to 0 V
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com