Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6435D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6435D
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6435D Datasheet(HTML) 1 Page - STMicroelectronics

  STV6435D Datasheet HTML 1Page - STMicroelectronics STV6435D Datasheet HTML 2Page - STMicroelectronics STV6435D Datasheet HTML 3Page - STMicroelectronics STV6435D Datasheet HTML 4Page - STMicroelectronics STV6435D Datasheet HTML 5Page - STMicroelectronics STV6435D Datasheet HTML 6Page - STMicroelectronics STV6435D Datasheet HTML 7Page - STMicroelectronics STV6435D Datasheet HTML 8Page - STMicroelectronics STV6435D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TARGET SPECIFICATION
STV6435
Filtered Video Buffers for STB and DVD Devices
®
This is preliminary information on a new product forseen to be developed. Details are subject to change without notice.
September 2003
1/17
FEATURES
s Y, C, CVBS and RGB Inputs with 7 MHz Filters
s 6 dB Gains
s Capabilities of Integrated Output Buffers:
Single Load (150
Ω) for RGB signals
Double Load (75
Ω) for Y, C and CVBS signals
s DC Coupled Outputs for CVBS and RGB
signals, DC or AC coupled output for Chroma
signal
s Bottom Clamp on RGB, Y and CVBS, Bias
Clamp on C
s Crosstalk: 55 dB (typ.)
s Separate Stand-by Modes on Y/C/CVBS and
on RGB signals
s Switchable Y+C Adder for Decoders without
CVBS Outputs
DESCRIPTION
The STV6435 is a filtered video output interface for
STB and DVD applications.
After removing D/A conversion noises using
integrated low pass filters, the STV6435 adapts in
amplitude and impedance the video signals coming
from the digital decoder for transmission, via 75
Ω
adapted cables, to the TV set, VCR and auxiliary
devices.
The STV6435 is powered by a 5V supply.
The STV6435 is fully compatible with STi55xx
Digital Decoders.
The STV6435 is mounted in a SO24 package
(STV6435S) or in a DIP package (STV6435D).
Order Code: STV6435D
PDIP20
Order Code: STV6435S
SO24


Similar Part No. - STV6435D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434D STMICROELECTRONICS-STV6434D Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434S STMICROELECTRONICS-STV6434S Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
More results

Similar Description - STV6435D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6436 STMICROELECTRONICS-STV6436 Datasheet
263Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
DVD and DVB decoder for video and audio with DVD audio support
2004-Dec
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
logo
Rohm
BH7600AFS ROHM-BH7600AFS Datasheet
281Kb / 6P
3ch Video driver for digital STB
BH7601FS ROHM-BH7601FS Datasheet
270Kb / 6P
3ch Video driver for digital STB
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
DVD-video Reference Clock Generators for Audio/Video Equipments
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
For DVD Player Video Signal Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com