Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C15021 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15021
Description  Strada Lens
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15021 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15021 Datasheet HTML 1Page - Ledil, Inc. C15021 Datasheet HTML 2Page - Ledil, Inc. C15021 Datasheet HTML 3Page - Ledil, Inc. C15021 Datasheet HTML 4Page - Ledil, Inc. C15021 Datasheet HTML 5Page - Ledil, Inc. C15021 Datasheet HTML 6Page - Ledil, Inc. C15021 Datasheet HTML 7Page - Ledil, Inc. C15021 Datasheet HTML 8Page - Ledil, Inc. C15021 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
PRODUCT DATASHEET
Strada series
last update 21/4/2016
DETAILS
Product Number
C15021_STRADA-2X2-SCL
Family
Strada
Type
Lens
Color
clear
Diameter
50 mm
Height
7,8 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
screw, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
21/04/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
Asymmetric degStreetligh...
94 %
0.630
-
QUICK FLUX XTP 2x4 xxx LS G5
Asymmetric degStreetligh...
94 %
1.000
-
QUICK FLUX XTP 2x6 xxx LS G5
Asymmetric degStreetligh...
94 %
1.000
-
QUICK FLUX XTP 2x8 xxx LS G5
Asymmetric degStreetligh...
94 %
1.000
-
XB-H
sim: AsymmetricStreetligh...
-
-
-
XHP35 HD
sim: AsymmetricStreetligh...
-
-
-
XM-L2
sim: AsymmetricStreetligh...
-
-
-
XP-L
Asymmetric degStreetligh...
94 %
0.900
-
XP-L HI
sim: AsymmetricStreetligh...
-
-
-
XT-E
sim: AsymmetricStreetligh...
-
-
-
XP-L
Asymmetric degStreetligh...
78 %
0.550
Undefined Manufacturer: Protective Plate, Glass
XP-G2
Asymmetric degStreetligh...
94 %
1.200
-
XP-L2
Asymmetric degStreetligh...
94 %
0.750
-
XP-G3
sim: AsymmetricStreetligh...
sim: 90 % sim: 0.760 -
XD16
Asymmetric degStreetligh...
94 %
1.100
-
XD16 2x2 cluster
Asymmetric degStreetligh...
94 %
0.750
-
H35C1 (LEMWA33)
sim: AsymmetricStreetligh...
sim: 91 % sim: 0.740 -
H35C1 (LEMWA33)
Asymmetric degStreetligh...
94 %
1.100
-
LUXEON 5258
sim: AsymmetricStreetligh...
-
-
-
LUXEON TX
Asymmetric degStreetligh...
94 %
1.040
-
LUXEON 5050
Asymmetric degStreetligh...
94 %
0.660
-
LUXEON V
Asymmetric degStreetligh...
94 %
0.800
-
NVSxx19B/NVSxx19C
sim: AsymmetricStreetligh...
sim: 87 % sim: 0.830 -
NVSxE21A
Asymmetric degStreetligh...
94 %
0.380
-
NVSW3x9A
Asymmetric degStreetligh...
94 %
0.930
-
January 25th 2018 8:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C15021

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
Strada series
More results

Similar Description - C15021

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12726 LEDIL-C12726 Datasheet
1Mb / 28P
Strada Lens
C12727 LEDIL-C12727 Datasheet
1Mb / 27P
Strada Lens
C13472 LEDIL-C13472 Datasheet
387Kb / 7P
Strada Lens
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C13805 LEDIL-C13805 Datasheet
3Mb / 64P
Strada Lens
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
C14020 LEDIL-C14020 Datasheet
941Kb / 15P
Strada Lens
C14031 LEDIL-C14031 Datasheet
691Kb / 13P
Strada Lens
C14116 LEDIL-C14116 Datasheet
6Mb / 118P
Strada Lens
C15135 LEDIL-C15135 Datasheet
3Mb / 58P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com