Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C15021 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C15021
Description  Strada Lens
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15021 Datasheet(HTML) 2 Page - Ledil, Inc.

  C15021 Datasheet HTML 1Page - Ledil, Inc. C15021 Datasheet HTML 2Page - Ledil, Inc. C15021 Datasheet HTML 3Page - Ledil, Inc. C15021 Datasheet HTML 4Page - Ledil, Inc. C15021 Datasheet HTML 5Page - Ledil, Inc. C15021 Datasheet HTML 6Page - Ledil, Inc. C15021 Datasheet HTML 7Page - Ledil, Inc. C15021 Datasheet HTML 8Page - Ledil, Inc. C15021 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
PRODUCT DATASHEET
Strada series
last update 21/4/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
NVSxx19B/NVSxx19C
sim: AsymmetricStreetligh...
sim: 69 % sim: 0.510 Undefined Manufacturer: Protective Plate, Glass
Duris S8
sim: AsymmetricStreetligh...
sim: 92 % sim: 0.620 -
Oslon Square PC
Asymmetric degStreetligh...
94 %
0.900
-
Oslon Square Gen3
Asymmetric degStreetligh...
94 %
1.100
-
OSCONIQ P 3737 (3W version)
sim: AsymmetricStreetligh...
sim: 91 % sim: 0.710 -
PrevaLED Brick DC 2x8
Asymmetric degStreetligh...
94 %
1.100
-
Fortimo FastFlex LED board 2x8 DA G4 Asymmetric degStreetligh...
94 %
1.000
-
Fortimo FastFlex LED board 2x8 DAX G4sim: AsymmetricStreetligh...
sim: 90 % sim: 0.760 -
LH351B
Asymmetric degStreetligh...
94 %
0.860
-
LH351D
Asymmetric degStreetligh...
93 %
0.740
-
LH351C
Asymmetric degStreetligh...
94 %
0.900
-
LH508A
Asymmetric degStreetligh...
94 %
0.700
-
LH181B
sim: AsymmetricStreetligh...
sim: 92 % sim: 0.830 -
Z5M1/Z5M2
sim: AsymmetricStreetligh...
-
-
-
Z8Y22P
Asymmetric degStreetligh...
94 %
0.960
-
Z8Y22
Asymmetric degStreetligh...
94 %
0.870
-
TL1L4
sim: AsymmetricStreetligh...
-
-
-
RLE G1 49x223mm 4000lm xxx EXC OTD
Asymmetric degStreetligh...
94 %
0.900
-
RLE G1 49x245mm 4000lm xxx EXC OTD
Asymmetric degStreetligh...
94 %
0.900
-
RLE G1 49x121mm 2000lm xxx EXC OTD
Asymmetric degStreetligh...
94 %
0.900
-
RLE G1 49x133mm 2000lm xxx EXC OTD
Asymmetric degStreetligh...
94 %
0.900
-
January 25th 2018 8:18 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com