Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6574
Description  4:1 High Speed Video Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6574 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6574 Datasheet HTML 1Page - National Semiconductor (TI) LMH6574 Datasheet HTML 2Page - National Semiconductor (TI) LMH6574 Datasheet HTML 3Page - National Semiconductor (TI) LMH6574 Datasheet HTML 4Page - National Semiconductor (TI) LMH6574 Datasheet HTML 5Page - National Semiconductor (TI) LMH6574 Datasheet HTML 6Page - National Semiconductor (TI) LMH6574 Datasheet HTML 7Page - National Semiconductor (TI) LMH6574 Datasheet HTML 8Page - National Semiconductor (TI) LMH6574 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
±5V Electrical Characteristics (Continued)
V
S = ±5V, RL = 100
Ω,A
V=2 V/V, TJ=25 ˚C, Unless otherwise specified. Bold numbers specify limits at temperature extremes.
Symbol
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
ICC
Supply Current (Note 5)
No Load
13
16
18
mA
Supply Current Disabled(Note 5)
ENABLE>2V
4.7
5.8
5.9
mA
Supply Current Shutdown
SHUTDOWN > 2V
1.8
2.5
2.6
mA
VIH
Logic High Threshold(Note 5)
Select & Enable Pins (SD & EN)
2.0
V
VIL
Logic Low Threshold (Note 5)
Select & Enable Pins (SD & EN)
0.8
V
IiL
Logic Pin Input Current Low (Note
7)
Logic Input = 0V Select & Enable
Pins (SD & EN)
−2.9
-8.5
−1
µA
IiH
Logic Pin Input Current High (Note
7)
Logic Input = 2.0V, Select & Enable
Pins (SD & EN)
47
68
72.5
µA
Miscellaneous Performance
RIN+
Input Resistance
5k
Ω
CIN
Input Capacitance
0.8
pF
ROUT
Output Resistance
Output Active, (EN and SD < 0.8 V)
0.04
Ω
ROUT
Output Resistance
Output Disabled, (EN or SD > 2V)
3000
Ω
COUT
Output Capacitance
Output Disabled, (EN or SD > 2V)
3.1
pF
VO
Output Voltage Range
No Load
±3.54
±3.53
±3.7
V
VOL
R
L = 100
Ω
±3.18
±3.17
±3.5
V
CMIR
Input Voltage Range
±2.5
±2.6
V
IO
Linear Output Current (Notes 5, 7)
V
IN = 0V,
+60
-70
+50
−60
±80
mA
ISC
Short Circuit Current(Note 3)
V
IN = ±2V, Output shorted to
ground
±230
mA
±3.3V Electrical Characteristics
V
S = ±3.3V, RL = 100
Ω,A
V=2 V/V; Unless otherwise specified.
Symbol
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
Frequency Domain Performance
SSBW
−3 dB Bandwidth
V
OUT = 0.5VPP
475
MHz
LSBW
−3 dB Bandwidth
V
OUT = 2.0VPP
375
MHz
0.1 dBBW
0.1 dB Bandwidth
V
OUT = 0.5VPP
100
MHz
GFP
Peaking
DC to 200MHz
0.4
dB
XTLK
Channel to Channel Crosstalk
All Hostile, f=5MHz
−85
dBc
Time Domain Response
TRL
Rise and Fall Time
2V Step
2
ns
TSS
Settling Time to 0.05%
2V Step
20
ns
OS
Overshoot
2V Step
5
%
SR
Slew Rate
2V Step
1400
V/µs
Distortion
HD2
2
nd Harmonic Distortion
2 V
PP, 10MHz
−67
dBc
HD3
3
rd Harmonic Distortion
2 V
PP, 10MHz
−87
dBc
Static, DC Performance
VIO
Input Offset Voltage
V
IN =0V
-5
mV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com