Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6574
Description  4:1 High Speed Video Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6574 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMH6574 Datasheet HTML 7Page - National Semiconductor (TI) LMH6574 Datasheet HTML 8Page - National Semiconductor (TI) LMH6574 Datasheet HTML 9Page - National Semiconductor (TI) LMH6574 Datasheet HTML 10Page - National Semiconductor (TI) LMH6574 Datasheet HTML 11Page - National Semiconductor (TI) LMH6574 Datasheet HTML 12Page - National Semiconductor (TI) LMH6574 Datasheet HTML 13Page - National Semiconductor (TI) LMH6574 Datasheet HTML 14Page - National Semiconductor (TI) LMH6574 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Notes (Continued)
If it is important in the end application to make sure that no
two inputs are presented to the output at the same time, an
optional delay block can be added, to drive the SHUTDOWN
pin of each device, as shown. Figure 5 shows one possible
approach to this delay circuit. The delay circuit shown will
delay SHUTDOWN’s H to L transitions (R
1 and C1 decay)
but won’t delay its L to H transition. R
2 should be kept small
compared to R
1 in order to not reduce the SHUTDOWN
voltage and to produce little or no delay to SHUTDOWN.
Other Applications
The LMH6574 could support a multi antenna receiver with
up to four separate antennas. Monitoring the signal strength
of all 4 antennas and connecting the strongest signal to the
final IF stage would provide effective spacial diversity.
For direction finding, the LMH6574 could be used to provide
high speed sampling of four separate antennas to a single
DSP which would use the information to calculate the direc-
tion of the received signal.
DRIVING CAPACITIVE LOADS
Capacitive output loading applications will benefit from the
use of a series output resistor R
OUT. Figure 6 shows the use
of a series output resistor, R
OUT, to stabilize the amplifier
20119718
FIGURE 4. 8:1 MUX USING TWO LMH6574’s
20119719
FIGURE 5. Delay Circuit Implementation
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com