Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3022 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3022
Description  Rail-to-Rail 1.8V High-Speed Micropower Comparators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3022 Datasheet(HTML) 1 Page - STMicroelectronics

  TS3022 Datasheet HTML 1Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
January 2005
1/1
■ Fast response time: 40ns
■ Low current consumption: 67µA
■ Rail-to-rail inputs
■ Push-pull outputs
■ Supply operation from 1.8V to 5.5V
■ ESD protection (2kV)
■ Latch-up immunity: 200 mA
Description
The TS302x comparators are featuring high
speed response time with Rail to Rail. Specified
from 2V to 5V supply voltage, these comparators
can operate over a wide temperature range: -40°C
to
+125°C.
TS302x
features
micropower
consumption as low as a few tens of microamps
thus providing a excellent ratio current of power
consumption versus response time. The TS302x
offer push-pull outputs and small packages
availability.
Pin Connections (top view)
Applications
■ Telecom
■ Instrumentation
■ Signal conditioning
■ High-speed sampling system
■ Portable communication systems
Order Codes
TS3021
SOT23-5 / SC70-5
TS3022
SO8 / MniSO8
Part Number
Temperature Range
Package
Packaging
Marking
TS3021ILT
-40, +125°C
SOT-23
Tape & Reel
K520
TS3021ICT
SC70-5
(tiny package)
Tape & Reel
TS3022IST
mini SO
Tape & Reel
TS3022ID/IDT
SO
Tube or Tape & Reel
Rail-to-Rail 1.8V High-Speed Micropower Comparators
This is preliminary information on a new product forseen to be developed. Details are subject to change without notice.
DATA BRIEF
TS3021-TS3022


Similar Part No. - TS3022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
TS3022I STMICROELECTRONICS-TS3022I Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3022ID STMICROELECTRONICS-TS3022ID Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3022IDT STMICROELECTRONICS-TS3022IDT Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3022IST STMICROELECTRONICS-TS3022IST Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
More results

Similar Description - TS3022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
Feb-2002
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
logo
STMicroelectronics
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
Micropower low-voltage, rail-to-rail comparators
30-Apr-2013
logo
Maxim Integrated Produc...
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com