Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS861 Datasheet (PDF) - STMicroelectronics

TS861 Datasheet PDF - STMicroelectronics
Part # TS861
Download  TS861 Download
File Size   304.36 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIL TO RAIL MICROPOWER BICMOS COMPARATORS

TS861 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS861 Datasheet PDF - STMicroelectronics

Part # TS861
Download  TS861 Click to download

File Size   304.36 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIL TO RAIL MICROPOWER BICMOS COMPARATORS

TS861 Datasheet (HTML) - STMicroelectronics


TS861 Product details

DESCRIPTION
The TS86x (Single, Dual & Quad) is a Rail to Rail comparator characterized for 2.7V to 10V operation over -40°C to +85°C temperature range. It exhibits an excellent speed to power ratio, featuring a current consumption of 6µA per comparator and a response time of 500ns at 2.7V for 100mV overdrive.
   
■ ULTRA LOW CURRENT CONSUMPTION
    (6µA/comp at Vcc=2.7V)
■ RAIL TO RAIL CMOS INPUTS
■ PUSH PULL OUTPUTS
■ SUPPLY OPERATION FROM 2.7V TO 10V
■ LOW PROPAGATION DELAY
■ LOW FALL AND RISE TIME: 20ns
■ ESD PROTECTION (2kV)
■ LATCH-UP IMMUNITY (Class A)
■ AVAILABLE IN SOT23-5 MICROPACKAGE
   




Similar Part No. - TS861

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS861 STMICROELECTRONICS-TS861 Datasheet
471Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
logo
ATMEL Corporation
TS86101G2B ATMEL-TS86101G2B Datasheet
39Kb / 2P
4:1 10-bit 1.2 Gsps MUX-DAC
logo
STMicroelectronics
TS861AID STMICROELECTRONICS-TS861AID Datasheet
471Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
TS861AIDT STMICROELECTRONICS-TS861AIDT Datasheet
471Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
TS861AILT STMICROELECTRONICS-TS861AILT Datasheet
471Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
More results


Similar Description - TS861

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
TS7221 STMICROELECTRONICS-TS7221 Datasheet
84Kb / 9P
SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
Dec-2002
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
logo
STMicroelectronics
TS7221 STMICROELECTRONICS-TS7221_09 Datasheet
197Kb / 13P
Single BiCMOS rail-to-rail micropower comparator
27-Mar-2009
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
logo
STMicroelectronics
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
Micropower low-voltage, rail-to-rail comparators
30-Apr-2013
logo
Maxim Integrated Produc...
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com