Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS861 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS861
Description  RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS861 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS861 Datasheet HTML 2Page - STMicroelectronics TS861 Datasheet HTML 3Page - STMicroelectronics TS861 Datasheet HTML 4Page - STMicroelectronics TS861 Datasheet HTML 5Page - STMicroelectronics TS861 Datasheet HTML 6Page - STMicroelectronics TS861 Datasheet HTML 7Page - STMicroelectronics TS861 Datasheet HTML 8Page - STMicroelectronics TS861 Datasheet HTML 9Page - STMicroelectronics TS861 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TS861-TS862-TS864
6/15
VIO versus VICM at VCC= 2.7V
VIO versus VICM at VCC= 5V
VIO versus VICM at VCC= 10V
VIO versus VICM and temperature at VCC= 2.7V
VIO versus VICM and temperature at VCC= 5V
VIO versus VICM and temperature at VCC= 10V
0
0.5
1
1.5
2
2.5
3
Common mode voltage (V)
-4
-2
0
2
4
6
TS861
TS862/4
T=25°C
01
2
3
4
5
Common mode voltage (V)
-4
-2
0
2
4
6
TS861
TS862/4
T=25°C
0
2
468
10
Common mode voltage (V)
-2
0
2
4
6
TS861
TS862/4
T=25°C
01
2
3
Common mode voltage (V)
0
2
4
6
T=+85°C
T=+25°C
T=-40°C
TS862/4
0
1
2
345
Common mode voltage (V)
0
2
4
6
T=+85°C
T=+25°C
T=-40°C
TS862/4
0
2
468
10
Common mode voltage (V)
-2
0
2
4
6
T=+85°C
T=+25°C
T=-40°C
TS862/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com