Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS861 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS861
Description  RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS861 Datasheet(HTML) 3 Page - STMicroelectronics

  TS861 Datasheet HTML 1Page - STMicroelectronics TS861 Datasheet HTML 2Page - STMicroelectronics TS861 Datasheet HTML 3Page - STMicroelectronics TS861 Datasheet HTML 4Page - STMicroelectronics TS861 Datasheet HTML 5Page - STMicroelectronics TS861 Datasheet HTML 6Page - STMicroelectronics TS861 Datasheet HTML 7Page - STMicroelectronics TS861 Datasheet HTML 8Page - STMicroelectronics TS861 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TS861-TS862-TS864
3/15
ELECTRICAL CHARACTERISTICS
V
CC = +2.7V
T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
TS861/2/4
Tmin<T<Tmax
TS861/2/4A
Tmin<T<Tmax
3
3
15
18
7
10
mV
∆V
io
Input Offset Voltage Drift
6
µV/°C
Iio
Input Offset Current 1)
Tmin<T<Tmax
1. Maximum values including unavoidable inaccurates of the industrial test.
1
150
300
pA
Iib
Input Bias Current 1)
Tmin<T<Tmax
1
300
600
pA
VOH
High Level Output Voltage
Isource=2.5mA
Tmin<T<Tmax
2.35
2.15
2.45
V
VOL
Low Level Output Voltage
Isink=2.5mA
Tmin<T<Tmax
0.2
0.35
0.45
V
Avd
Large Signal Voltage Gain 2)
2. Design evaluation
3. Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through correlation and by design.
240
dB
CMR
Common Mode Rejection Ratio
0 < VICM < 2.7V
65
dB
SVR
Supply Voltage Rejection Ratio
0 < Vcc < 10V
80
dB
ICC
Supply current per comparator
no load, output low
no load, output high
6
8
12
14
µA
Tplh
Propagation delay from output low to output high
VICM=1.35V, f=10kHz, CL=50pF
overdrive = 10mV
overdrive = 100mV
1.5
0.6
µs
Tphl
Propagation delay from output high to output low
VICM=1.35V, f=10kHz, CL=50pF
overdrive = 10mV
overdrive = 100mV
1.5
0.5
µs
Tf
Fall time
f=10kHz, CL=50pF, overdrive=100mV
20
ns
Tr
Rise time
f=10kHz, CL=50pF, overdrive=100mV
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com