Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS861 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS861
Description  RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS861 Datasheet(HTML) 1 Page - STMicroelectronics

  TS861 Datasheet HTML 1Page - STMicroelectronics TS861 Datasheet HTML 2Page - STMicroelectronics TS861 Datasheet HTML 3Page - STMicroelectronics TS861 Datasheet HTML 4Page - STMicroelectronics TS861 Datasheet HTML 5Page - STMicroelectronics TS861 Datasheet HTML 6Page - STMicroelectronics TS861 Datasheet HTML 7Page - STMicroelectronics TS861 Datasheet HTML 8Page - STMicroelectronics TS861 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
s ULTRA LOW CURRENT CONSUMPTION
(6µA/comp at Vcc=2.7V)
s RAIL TO RAIL CMOS INPUTS
s PUSH PULL OUTPUTS
s SUPPLY OPERATION FROM 2.7V TO 10V
s LOW PROPAGATION DELAY
s LOW FALL AND RISE TIME: 20ns
s ESD PROTECTION (2kV)
s LATCH-UP IMMUNITY (Class A)
s AVAILABLE IN SOT23-5 MICROPACKAGE
DESCRIPTION
The TS86x (Single, Dual & Quad) is a Rail to Rail
comparator characterized for 2.7V to 10V opera-
tion over -40°C to +85°C temperature range. It ex-
hibits an excellent speed to power ratio, featuring
a current consumption of 6
µA per comparator and
a response time of 500ns at 2.7V for 100mV over-
drive.
Due to its ultra low power consumption and its
availability in tiny package, the TS86x comparator
family is perfectly suited to battery powered sys-
tems. The output stage is designed with a push
pull structure allowing a direct connection to mi-
crocontroler without additionnal pull-up resistor.
APPLICATION
s Battery-powered systems (eg: Alarm)
s Portable communication systems
s Smoke/gas/fire detectors
s Portable computers
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
SOT23
Marking
ND
P
L
TS861I
TS861AI
-40, +85°C
•
•
•
•
•
•
K501
K502
TS862I
TS862AI
-40, +85°C
•
•
•
•
•
•
TS864I
TS864AI
-40, +85°C
•
•
•
•
•
•
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
V CC
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
V DD
VCC
Output 2
N.C.
N.C.
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
TS861ILT
TS864IN-TS864ID-TS864IDT-TS864IPT
TS861ID-TS861IDT
TS862IN-TS862ID-TS862IDT-TS862IPT
Inverting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
TS861
TS862
TS864
RAIL TO RAIL
MICROPOWER BICMOS COMPARATORS
February 2002


Similar Part No. - TS861

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS861 STMICROELECTRONICS-TS861 Datasheet
471Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
logo
ATMEL Corporation
TS86101G2B ATMEL-TS86101G2B Datasheet
39Kb / 2P
4:1 10-bit 1.2 Gsps MUX-DAC
logo
STMicroelectronics
TS861AID STMICROELECTRONICS-TS861AID Datasheet
471Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
TS861AIDT STMICROELECTRONICS-TS861AIDT Datasheet
471Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
TS861AILT STMICROELECTRONICS-TS861AILT Datasheet
471Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
More results

Similar Description - TS861

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
TS7221 STMICROELECTRONICS-TS7221 Datasheet
84Kb / 9P
SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
Dec-2002
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
logo
STMicroelectronics
TS7221 STMICROELECTRONICS-TS7221_09 Datasheet
197Kb / 13P
Single BiCMOS rail-to-rail micropower comparator
27-Mar-2009
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
logo
STMicroelectronics
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
Micropower low-voltage, rail-to-rail comparators
30-Apr-2013
logo
Maxim Integrated Produc...
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com