Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB208 Datasheet(PDF) 1 Page - Protek Devices

Part # USB208
Description  STEERING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB208 Datasheet(HTML) 1 Page - Protek Devices

  USB208 Datasheet HTML 1Page - Protek Devices USB208 Datasheet HTML 2Page - Protek Devices USB208 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB208
1
05141.R6 9/03
www.protekdevices.com
STEERING DIODE ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ USB Interface Ports
✔ Cellular Phones
✔ Set Top Box Interface
✔ Sensor Interface
✔ Video Interface Ports
✔ Handheld Electronics
✔ Desktop PCs Computers
✔ Personnal Digital Assistant (PDA)
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 25 kilovolts
✔ 500 Milliwatt Continuous Power Dissipation
✔ Provides Four (4) Lines of Protection
✔
✔
✔
✔
✔ LOW LEAKAGE CURRENT < 1.0µA
✔
✔
✔
✔
✔ ULTRA LOW CAPACITANCE: 5pF Per Diode
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-23-6
✔ Weight 66 milligrams (Approximate)
✔ Flammability rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code & Pin One Defined By DOT on Top of Package
PIN CONFIGURATION
SOT-23-6
I/O 1
REF 1
I/O 4
REF 2
1
6
5
2
3
4
I/O 2
I/O 3


Similar Part No. - USB208

ManufacturerPart #DatasheetDescription
logo
Protek Devices
USB208 PROTEC-USB208 Datasheet
77Kb / 3P
STEERING DIODE ARRAY
USB208 PROTEC-USB208 Datasheet
618Kb / 7P
ultra low capacitance steering diode array
USB208-LF-T7 PROTEC-USB208-LF-T7 Datasheet
77Kb / 3P
STEERING DIODE ARRAY
USB208-T7 PROTEC-USB208-T7 Datasheet
77Kb / 3P
STEERING DIODE ARRAY
USB208 PROTEC-USB208_07 Datasheet
77Kb / 3P
STEERING DIODE ARRAY
More results

Similar Description - USB208

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com