Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2CP1065 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2CP1065
Description  Low PIM Directional 15 dB N Coupler To 2.7 GHz Rated to 200 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1065 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2CP1065 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1065 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1065 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1065 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1065 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Mechanical Specifications
Size
Length
5.58 in [141.73 mm]
Width/Dia.
1 in [25.4 mm]
Height
2.45 in [62.23 mm]
.
Weight
1.674 lbs [759.31 g]
.
Configuration
Package Type
Connectorized
Input Connector
N Female
Output Connector
N Female
Coupled Connectors
N Female
Environmental Specifications
Temperature
Operating Range
-20 to +55 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
Typical Performance Data
-80
-70
-60
-50
-40
-30
-20
-10
0
700
900
1100
1300
1500
1700
1900
2100
2300
2500
2700
0 dB
698 MHz
Return Loss
PE2CP1065 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM Directional 15 dB N Coupler To 2.7 GHz Rated to 200 Watts PE2CP1065
Couplers Technical Data Sheet
PE2CP1065
Low PIM Directional 15 dB N Coupler To
2.7 GHz Rated to 200 Watts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com