Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2CP1065 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE2CP1065
Description  Low PIM Directional 15 dB N Coupler To 2.7 GHz Rated to 200 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1065 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE2CP1065 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1065 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1065 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1065 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1065 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Passive IM Response
Low PIM Directional 15 dB N Coupler To 2.7 GHz Rated to 200 Watts from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM Directional 15 dB N Coupler To 2.7 GHz Rated to 200 Watts PE2CP1065
URL: https://www.pasternack.com/directional-15-db-n-coupler-698-mhz-2.7-ghz-200-watts-pe2cp1065-p.aspx
PE2CP1065 REV 1.0
Couplers Technical Data Sheet
PE2CP1065
Low PIM Directional 15 dB N Coupler To
2.7 GHz Rated to 200 Watts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com