Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED34-TW Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # LED34-TW
Description  Mid-IR LED Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED34-TW Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  LED34-TW Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.roithner-laser.com
5
Operating Regime
We recommend to use Quasi Continuous Wave (QCW) mode with duty cycle 50% or 25% to obtain maximum
average optical power and Pulse mode to obtain maximum peak power. Hard CW (continuous wave) mode is
NOT recommended.
LED Basic Circuit Connection
LED With Thermoelectric Module
Quasi Continuous Wave (QCW) mode
Pulse Mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com