Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED34-TW Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED34-TW
Description  Mid-IR LED Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED34-TW Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED34-TW Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED34-TW Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.roithner-laser.com
1
LED34 series
rev 2.0, 12.10.2017
Description
LED34 series are fabricated from narrow band-gap InAs/InAsSbP heterostructures lattice matched to InAs
substrate. This Mid-IR LEDs provide a typical peak wavelength of 3.40 µm, an optical power of typ. 25 µW
QCW. There are different options of packaging available, as you can choose between TO-can, with
parabolic reflector (R), window (W), and containing thermoelectric cooler and thermoresistor (T).
Maximum Ratings
Parameter
Symbol
Values
Min.
Max.
Unit
Operating Current, QCW mode
IQCW max
250
mA
Operating Current, pulsed mode
IPULSE max
2000
mA
Storage Temperature *
ISTR
-60
+90
°C
Operating Temperature *
TCASE
-60
+90
°C
Lead Solder Temperature *²
TSLD
+180
°C
* Temperature range may vary for different packaging types
*² must be completed within 5 seconds
Photodiode Characteristics (T
CASE
=25°C)
* Repetition rate: 0.5 kHz, pulse duration: 1 ms, duty cycle: 50%, current: 200 mA
*² Repetition rate: 0.5 kHz, pulse duration: 20 µs, duty cycle: 1%, current: 1 A
Packages
All parameters refer to LEDs in TO18 package with a cavity and operation at ambient temperature 25°C unless otherwise
stated.
Parameter
Symbol
Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=150mA QCW
3.30
3.44
µm
Half Width (FWHM)
∆λ
IF=150mA QCW
250
600
nm
Optical Output Power, QCW *
PO
QCW mode *
20
25
µW
Optical Output Power, pulsed *²
PO
Pulse mode *²
150
180
µW
Operating Voltage
VOP
IF=200mA QCW
0.2
1.3
V
Switching Time
ts
ns
Part Number
Package
LED34
TO-18 with cap without glass window
LED34-R
TO-18 with parabolic reflector without glass window
LED34-RW
TO-18 with parabolic reflector with glass window
LED34-TW
TO-5 with built-in thermocooler and thermoresistor, covered by cap with glass window
LED34-TRW
TO-5 with built-in thermocooler and thermoresistor, covered by parabolic reflector with glass window


Similar Part No. - LED34-TW

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED34-TEC ROITHNER-LED34-TEC Datasheet
75Kb / 1P
LIGHT EMITTING DIODES
LED34-TEC-PR ROITHNER-LED34-TEC-PR Datasheet
75Kb / 1P
LIGHT EMITTING DIODES
More results

Similar Description - LED34-TW

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19-PR ROITHNER-LED19-PR Datasheet
554Kb / 3P
mid-ir led
LED21 ROITHNER-LED21 Datasheet
558Kb / 3P
mid-ir led
LED23 ROITHNER-LED23 Datasheet
722Kb / 4P
mid-ir led
LED23FC-SMD5 ROITHNER-LED23FC-SMD5 Datasheet
531Kb / 3P
mid-ir led
LED38 ROITHNER-LED38 Datasheet
560Kb / 4P
mid-ir led
LED43 ROITHNER-LED43 Datasheet
594Kb / 3P
mid-ir led
LED20-SMD5 ROITHNER-LED20-SMD5 Datasheet
683Kb / 3P
MID-IR LED
LED21-SMD5 ROITHNER-LED21-SMD5 Datasheet
681Kb / 3P
MID-IR LED
LED23-SMD5 ROITHNER-LED23-SMD5 Datasheet
694Kb / 3P
MID-IR LED
LED34H ROITHNER-LED34H Datasheet
1Mb / 6P
Mid-IR LED Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com