Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH309-4/5 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH309-4/5
Description  Silicon NPN Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH309-4/5 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH309-4/5 Datasheet HTML 1Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 2Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 3Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 4Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 5Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 6Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 7Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 8Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2016-01-04
1
2016-01-04
Silicon NPN Phototransistor
Version 1.3
SFH 309
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 380 ... 1150 nm
•
Package: 3mm Radial (T 1), Epoxy
•
Special: High photosensitivity
•
High linearity
•
Available in groups
Applications
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
Type:
Photocurrent
Ordering Code
I
PCE [µA]
λ = 950 nm, E
e = 0.5 mW/cm
2,
V
CE = 5 V
SFH 309
400 ... 5000
Q62702P0859
SFH 309-3/4
630 ... 2000
Q62702P3592
SFH 309-4
1000 ... 2000
Q62702P0998
SFH 309-4/5
1000 ... 3200
Q62702P3593
SFH 309-5
1600 ... 3200
Q62702P0999
SFH 309-5/6
1600 ... 5000
Q62702P3594
Note:
Only one bin within one packing unit (variation less than 2:1)


Similar Part No. - SFH309-4/5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309-4 SIEMENS-SFH309-4 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - SFH309-4/5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com