Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH309-4/5 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH309-4/5
Description  Silicon NPN Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH309-4/5 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH309-4/5 Datasheet HTML 1Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 2Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 3Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 4Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 5Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 6Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 7Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 8Page - OSRAM GmbH SFH309-4/5 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Version 1.3
SFH 309
2016-01-04
5
Dark Current 1) page 9
ICEO = f(VCE), E = 0
Dark Current 1) page 9
ICE0 = f(TA), VCE = 20 V, E = 0
Collector-Emitter Capacitance 1) page 9
CCE = f(VCE), f = 1 MHz, E = 0
Power Consumption
Ptot = f(TA)
V
OHF01527
CE
CEO
Ι
-3
10
10
-2
10
-1
10
0
10
1
0
5
10
15
20
25
30
35
V
nA
T
OHF01530
A
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
-25
nA
0
25
50
75
100
˚C
V
OHF01528
CE
-2
10
CE
C
10
-1
10
0
10
1
10
2
0
V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com