Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR360 Datasheet(PDF) 9 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MBR360
Description  SCHOTTKY BARRIER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MBR360 Datasheet(HTML) 9 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MBR360 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
R
MBR360
版本(Rev.):201510D
9/9
附录(Appendix):修订记录(Revision History)
日期
Date
旧版本
Last Rev.
新版本
New Rev.
修订内容 Description of Changes
2014-3-17
201202A
201403B Added SMA,SMB,SMC spec.
2015-7-25
201507C Added TO-126-2L spec.
2015-10-27
201510D Corrected the mistakes.
注意事项
1.吉林华微电子股份有限公司的产品销售分
为直销和销售代理,无论哪种方式,订货时
请与公司核实。
2.购买时请认清公司商标,如有疑问请与公司
本部联系。
3.在电路设计时请不要超过器件的绝对最大
额定值,否则会影响整机的可靠性。
4.本说明书如有版本变更不另外告知
NOTE
1.
Jilin Sino-microelectronics co., Ltd sales its
product either through direct sales or sales
agent , thus, for customers, when ordering ,
please check with our company.
2.
We strongly recommend customers check
carefully on the trademark when buying our
product, if there is any question, please don’t
be hesitate to contact us.
3.
Please do not exceed the absolute maximum
ratings of the device when circuit designing.
4.
Jilin Sino-microelectronics co., Ltd reserves
the right to make changes in this
specification sheet and is subject to change
without prior notice.
联系方式
吉林华微电子股份有限公司
公司地址:吉林省吉林市深圳街 99 号
邮编:132013
总机:86-432-64678411
传真:86-432-64665812
网址:www.hwdz.com.cn
市场营销部
地址:吉林省吉林市深圳街 99 号
邮编:132013
电话:86-432-64675588
64675688
64678411-3098/3099
传真: 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD.
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:86-432-64678411
Fax:86-432-64665812
Web Site:www.hwdz.com.cn
MARKET DEPARTMENT
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:
86-432-64675588
64675688
64678411-3098/3099
Fax:
86-432-64671533



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com