Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR360 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MBR360
Description  SCHOTTKY BARRIER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MBR360 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MBR360 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR360 Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本(Rev.):201510D
1/9
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
MBR360
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
MBR360DR
MBR360
DO-201AD
是
YES
编带 Tape
1.1g(approx.)
MBR360D
MBR360
DO-201AD
否
NO
编带 Tape
1.1g(approx.)
MBR360XR
MBR360
SMA
是
YES
编带 Tape
0.071g(approx.)
MBR360X
MBR360
SMA
否
NO
编带 Tape
0.071g(approx.)
MBR360KR
MBR360
SMB
是
YES
编带 Tape
0.096g(approx.)
MBR360K
MBR360
SMB
否
NO
编带 Tape
0.096g(approx.)
MBR360PR
MBR360
SMC
是
YES
编带 Tape
0.24g(approx.)
MBR360P
MBR360
SMC
否
NO
编带 Tape
0.24g(approx.)
MBR360M2R
MBR360
TO-126-2L
是
YES
袋装 Bag
0.7g(approx.)
MBR360M2
MBR360
TO-126-2L
否
NO
袋装 Bag
0.7g(approx.)
MBR360M2R
MBR360
TO-126-2L
是
YES
条管 Tube
0.7g(approx.)
MBR360M2
MBR360
TO-126-2L
否
NO
条管 Tube
0.7g(approx.)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
3A
VRRM
60 V
Tj
150 ℃
VF(max)
0.58V (@Tj=125℃)
用途
l 低压、高频整流
l 低压续流电路和保护电
路
APPLICATIONS
l Low voltage, high
frequency rectifier
l Free wheeling diodes,
polarity protection
applications
产品特性
l轴向结构
l低功耗,高效率
l良好的高温特性
l有过压保护环,高可靠性
l环保(RoHS)产品
FEATURES
lAxial Lead Rectifier
lLow power loss, high efficiency
lHigh Operating Junction
Temperature
lGuard ring for overvoltage
protection,High reliability
lRoHS product
订货信息 ORDER MESSAGE
封装 Package
DO-201AD
SMA
SMB
SMC
TO-126-2L


Similar Part No. - MBR360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR360 MOTOROLA-MBR360 Datasheet
75Kb / 4P
Surface Mount Schottky Power Rectifier
logo
International Rectifier
MBR360 IRF-MBR360 Datasheet
33Kb / 5P
SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBR360 ONSEMI-MBR360 Datasheet
57Kb / 4P
Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Motorola, Inc
MBR360 MOTOROLA-MBR360 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR360 ONSEMI-MBR360 Datasheet
59Kb / 4P
Axial Lead Rectifiers
June, 2006 ??Rev. 6
More results

Similar Description - MBR360

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com