Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CSR Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MBR3045CSR
Description  SCHOTTKY BARRIER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MBR3045CSR Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MBR3045CSR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR3045CSR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR3045CSR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR3045CSR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR3045CSR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR3045CSR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR3045CSR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR3045CSR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR3045CSR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本(Rev.):201510C
1/9
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
MBR3045C
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
MBR3045CZ
MBR3045C
TO-220
否
NO
条管 Tube
1.98 g(typ)
MBR3045CZR
MBR3045C
TO-220
是
YES
条管 Tube
1.98 g(typ)
MBR3045CHF
MBR3045C
TO-220HF
否
NO
条管 Tube
1.70 g(typ)
MBR3045CHFR
MBR3045C
TO-220HF
是
YES
条管 Tube
1.70 g(typ)
MBR3045CS
MBR3045C
TO-263
否
NO
条管 Tube
1.90 g(typ)
MBR3045CSR
MBR3045C
TO-263
是
YES
条管 Tube
1.90 g(typ)
MBR3045CS
MBR3045C
TO-263
否
NO
编带 Reel
1.90 g(typ)
MBR3045CSR
MBR3045C
TO-263
是
YES
编带 Reel
1.90 g(typ)
MBR3045CB
MBR3045C
TO-262
否
NO
条管 Tube
1.90 g(typ)
MBR3045CBR
MBR3045C
TO-262
是
YES
条管 Tube
1.90 g(typ)
MBR3045CAB
MBR3045C
TO-3PB
否
NO
条管 Tube
5.20 g(typ)
MBR3045CABR
MBR3045C
TO-3PB
是
YES
条管 Tube
5.20 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
30(2×15)A
VRRM
45V
Tj
150 ℃
VF(max)
0.56V (@Tj=125℃)
封装 Package
用途
l 高频开关电源
l 低压续流电路和保护电
路
APPLICATIONS
l High frequency switch
power supply
l Free wheeling diodes,
polarity protection
applications
产品特性
l共阴结构
l低功耗,高效率
l良好的高温特性
l有过压保护环,高可靠性
l环保(RoHS)产品
FEATURES
lCommon cathode structure
lLow power loss, high efficiency
lHigh Operating Junction
Temperature
lGuard ring for overvoltage
protection,High reliability
lRoHS product
TO-22O
TO-22OHF
订货信息 ORDER MESSAGE
TO-3PB
TO-263
TO-262


Similar Part No. - MBR3045CSR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR3045C VISHAY-MBR3045C Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
BCD Semiconductor Manuf...
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR3045C UTC-MBR3045C Datasheet
162Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
MBR3045C DIODES-MBR3045C Datasheet
435Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
More results

Similar Description - MBR3045CSR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com