Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80CPU02 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # 80CPU02
Description  80Amperes,200Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

80CPU02 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  80CPU02 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. 80CPU02 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb Free Plating Product
80CPU02
Pb
80Amperes,200Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
MBRF20100CT thru MBRF20200CT
80CPU02
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.08C
·
Ultrafast Recovery Time
·
Soft Recovery Characteristics
·
Low Recovery Loss
·
Low Forward Voltage
·
High Surge Current Capability
·
Low Leakage Current
APPLICATION
GENERAL DESCRIPTION
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURE
80CPU02 using the lastest FRED FAB process(planar passivation chip) with ultrafast and soft recovery characteristic.
TO-3PB(TO-3PN)
Internal Configuration
Cathode(Bottom Side Metal Heatsink)
Cathode
Anode
Base Backside
—
—
—
—
—
—
—
—
—
—
Anode
Absolute Maximum Ratings
Parameter
Symbol
Test Conditions
Values
Units
Repetitive peak reverse voltage
VRRM
200
V
Continuous forward current
IF(AV)
Tc =110
°C
80
Single pulse forward current
IFSM
Tc =25
°C
800
Maximum repetitive forward current
IFRM
Square wave, 20kHZ
320
A
Operating junction
Tj
175
°C
Storage temperatures
Tstg
-55 to +175
°C
Electrical characteristics (Ta=25
°Cunless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ.
Max.
Units
Breakdown voltage
Blocking voltage
VBR,
VR
IR=100µA
200
IF=40 A
0.97
1.20
Forward voltage
(Per Diode)
VF
IF=40 A, Tj =125
°C
0.86
1.00
V
VR= VRRM
10
Reverse leakage
current(Per Diode)
IR
Tj=150
°C, VR=200V
100
µ
A
IF=0.5A, IR=1A, IRR=0.25A
37
50
Reverse recovery
time(Per Diode)
trr
IF=1A,VR=30V, di/dt =-200A/us
25
40
ns
Thermal characteristics
Paramter
Symbol
Typ
Units
Junction-to-Case
RθJC
0.8
℃
/W


Similar Part No. - 80CPU02

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
80CPU02 ISC-80CPU02 Datasheet
260Kb / 2P
Ultrafast Rectifier
logo
Vishay Siliconix
80CPU02-F3 VISHAY-80CPU02-F3 Datasheet
125Kb / 7P
Hyperfast Rectifier, 2 x 40 A FRED Pt
19-Nov-10
More results

Similar Description - 80CPU02

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR8020PT THINKISEMI-MUR8020PT Datasheet
4Mb / 2P
80Amperes,200Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
F80UP60DN THINKISEMI-F80UP60DN Datasheet
5Mb / 2P
80Amperes,600Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
X4202S THINKISEMI-X4202S_13 Datasheet
5Mb / 2P
20Amperes,200Volts Insulated Common Cathode Ultra Fast Recovery Rectifiers
L4202S THINKISEMI-L4202S_13 Datasheet
5Mb / 2P
20Amperes,200Volts Insulated Common Cathode Ultra Fast Recovery Rectifiers
FML-4202S THINKISEMI-FML-4202S Datasheet
5Mb / 2P
20Amperes,200Volts Insulated Common Cathode Ultra Fast Recovery Rectifiers
FMX-4202S THINKISEMI-FMX-4202S Datasheet
5Mb / 2P
20Amperes,200Volts Insulated Common Cathode Ultra Fast Recovery Rectifiers
MUR8060PT THINKISEMI-MUR8060PT Datasheet
5Mb / 2P
80Amperes,600Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
H16C20C THINKISEMI-H16C20C Datasheet
345Kb / 2P
16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifiers
U2080G THINKISEMI-U2080G Datasheet
349Kb / 2P
20.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifiers
XS4202 THINKISEMI-XS4202_V01 Datasheet
5Mb / 2P
20Amperes,200Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com