Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80CPU02-F3 Datasheet (PDF) - Vishay Siliconix

80CPU02-F3 Datasheet PDF - Vishay Siliconix
Part # 80CPU02-F3
Download  80CPU02-F3 Download
File Size   125.67 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 2 x 40 A FRED Pt

80CPU02-F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
80CPU02-F3 Datasheet PDF - Vishay Siliconix

Part # 80CPU02-F3
Download  80CPU02-F3 Click to download

File Size   125.67 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 2 x 40 A FRED Pt

80CPU02-F3 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 80CPU02-F3

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
80CPU02 THINKISEMI-80CPU02 Datasheet
5Mb / 2P
80Amperes,200Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
80CPU02 ISC-80CPU02 Datasheet
260Kb / 2P
Ultrafast Rectifier
More results


Similar Description - 80CPU02-F3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03PBF VISHAY-20CTH03PBF_11 Datasheet
189Kb / 9P
Hyperfast Rectifier, 2 x 10 A FRED Pt
28-Apr-11
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
Hyperfast Rectifier, 2 x 10 A FRED Pt
11-Mar-10
30CTH02PBF VISHAY-30CTH02PBF_11 Datasheet
188Kb / 9P
Hyperfast Rectifier, 2 x 10 A FRED Pt
28-Apr-11
30CTH02SPBF VISHAY-30CTH02SPBF_10 Datasheet
173Kb / 9P
Hyperfast Rectifier, 2 x 15 A FRED Pt
11-Mar-10
80CPH03-F3 VISHAY-80CPH03-F3 Datasheet
155Kb / 7P
Hyperfast Rectifier, 2 x 40 A FRED Pt
05-Oct-10
VS-20CTH03 VISHAY-VS-20CTH03 Datasheet
176Kb / 9P
Hyperfast Rectifier, 2 x 10 A FRED Pt
11-Mar-10
VS-60CPH03PBF VISHAY-VS-60CPH03PBF Datasheet
157Kb / 8P
Hyperfast Rectifier, 2 x 30 A FRED Pt
10-Jul-15
VS-8CSH01HM3 VISHAY-VS-8CSH01HM3 Datasheet
125Kb / 6P
Hyperfast Rectifier, 2 x 4 A FRED Pt
28-Mar-17
VS-80CPH03-F3 VISHAY-VS-80CPH03-F3 Datasheet
147Kb / 7P
Hyperfast Rectifier, 2 x 40 A FRED Pt®
07-Jul-15
VS-80CPH03-N3 VISHAY-VS-80CPH03-N3_V01 Datasheet
152Kb / 7P
Hyperfast Rectifier, 2 x 40 A FRED Pt®
27-Nov-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com